Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF188XR Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF188XR
Description  Power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF188XR Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF188XR_15 Datasheet HTML 3Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 4Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 5Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 6Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 7Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 8Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 9Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 10Page - NXP Semiconductors BLF188XR_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BLF188XR_BLF188XRS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2013
7 of 15
NXP Semiconductors
BLF188XR; BLF188XRS
Power LDMOS transistor
[1]
American Technical Ceramics type 800B or capacitor of same quality.
[2]
American Technical Ceramics type 100B or capacitor of same quality.
Table 11.
List of components
For test circuit see Figure 5.
Component
Description
Value
Remarks
C1, C2, C6,
C7, C16, C17,
C23, C24
multilayer ceramic chip capacitor 1000 pF
[1]
C3
multilayer ceramic chip capacitor 47 pF
[2]
C4
multilayer ceramic chip capacitor 39 pF
[1]
C5
multilayer ceramic chip capacitor 200 pF
[1]
C8, C9, C14,
C15
multilayer ceramic chip capacitor 4.7
F, 100 V
TDK
C5750X7R2A475KT
C10, C11
electrolytic capacitor
2200
F, 63 V
C12, C13
electrolytic capacitor
470
F, 63 V
C18, C19
multilayer ceramic chip capacitor 120 pF
[1]
C20
multilayer ceramic chip capacitor 82 pF
[1]
C21
multilayer ceramic chip capacitor 120 pF
[1]
C22
multilayer ceramic chip capacitor 56 pF
[1]
L1, L2, L3, L4
1.5 turn 0.8 mm copper wire
D = 3.2 mm,
length = 1.6 mm
L5, L6
5.0 turn 0.8 mm copper wire
D = 3.0 mm,
length=4mm
L7, L8
2.5 turn 0.8 mm copper wire
D = 3.0 mm,
length = 2.4 mm
R1, R2
resistor
9.1
SMD 1206
T1
semi rigid coax
25
,
length = 160 mm
Micro-Coax UT-090C-25
T2
semi rigid coax
25
,
length = 160 mm
Micro-Coax UT-141C-25


Similar Part No. - BLF188XR_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF188XRG AMPLEON-BLF188XRG Datasheet
965Kb / 13P
   Power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF188XRG PHILIPS-BLF188XRG_15 Datasheet
181Kb / 13P
   Power LDMOS transistor
Rev. 1-30 June 2014
BLF188XRS NXP-BLF188XRS Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
logo
Ampleon Netherlands B.V...
BLF188XRS AMPLEON-BLF188XRS Datasheet
1Mb / 15P
   Power LDMOS transistor
Rev. 6 ??1 September 2015
More results

Similar Description - BLF188XR_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com