Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4690CAE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4690CAE
Description  1.25?? Dual SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4690CAE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4690CAE Datasheet HTML 4Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 5Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 6Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 7Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 8Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 9Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 10Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 11Page - Maxim Integrated Products MAX4690CAE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1.25
, Dual SPST,
CMOS Analog Switches
______________________________________________________________________________________
11
Ordering Information (continued)
___________________Chip Information
TRANSISTOR COUNT: 108
PART
MAX4690CAE
MAX4690CWE
MAX4690CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 SSOP
16 Wide SO
16 Plastic DIP
MAX4690EAE
-40°C to +85°C
16 SSOP
MAX4690EWE
-40°C to +85°C
16 Wide SO
MAX4690EPE
-40°C to +85°C
16 Plastic DIP
MAX4700CAE
0°C to +70°C
16 SSOP
MAX4700CWE
0°C to +70°C
16 Wide SO
MAX4700CPE
0°C to +70°C
16 Plastic DIP
MAX4700EAE
-40°C to +85°C
16 SSOP
MAX4700EWE
-40°C to +85°C
16 Wide SO
MAX4700EPE
-40°C to +85°C
16 Plastic DIP
Package Information


Similar Part No. - MAX4690CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX469 MAXIM-MAX469 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4691 MAXIM-MAX4691 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691 MAXIM-MAX4691 Datasheet
243Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 5; 3/09
MAX4691-MAX4694 MAXIM-MAX4691-MAX4694 Datasheet
483Kb / 22P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 2; 2/03
MAX4691EBE+T MAXIM-MAX4691EBE+T Datasheet
243Kb / 21P
   Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
Rev 5; 3/09
More results

Similar Description - MAX4690CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4667 MAXIM-MAX4667 Datasheet
163Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4607 MAXIM-MAX4607_12 Datasheet
185Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 3; 9/12
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4607 MAXIM-MAX4607_10 Datasheet
149Kb / 11P
   2.5Ω, Dual, SPST, CMOS Analog Switches
Rev 2; 3/10
MAX4580 MAXIM-MAX4580_03 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4607 MAXIM-MAX4607 Datasheet
164Kb / 12P
   2.5?? Dual, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com