Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF188XRG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF188XRG
Description  Power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF188XRG Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF188XRG_15 Datasheet HTML 1Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 2Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 3Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 4Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 5Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 6Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 7Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 8Page - NXP Semiconductors BLF188XRG_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF188XRG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 30 June 2014
3 of 13
NXP Semiconductors
BLF188XRG
Power LDMOS transistor
6.
Characteristics
(1)
 = 1 %
(2)
 = 2 %
(3)
 = 5 %
(4)
 = 10 %
(5)
 = 20 %
(6)
 = 50 %
(7)
 = 100 % (DC)
Fig 1.
Transient thermal impedance from junction to case as a function of pulse
duration
Table 6.
DC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID = 5.5 mA
135
--V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 550 mA
1.25
1.9
2.25
V
VGSq
gate-source quiescent voltage
VDS =50 V; ID =20mA
0.68
1.3
1.8
V
IDSS
drain leakage current
VGS =0V; VDS = 50 V
--2.8
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
-77
-A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
280
nA
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID =19.25 A
-0.08
-


Similar Part No. - BLF188XRG_15

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF188XRG AMPLEON-BLF188XRG Datasheet
965Kb / 13P
   Power LDMOS transistor
Rev. 2 ??1 September 2015
More results

Similar Description - BLF188XRG_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com