Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4665 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4665
Description  5?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4665 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4665 Datasheet HTML 1Page - Maxim Integrated Products MAX4665 Datasheet HTML 2Page - Maxim Integrated Products MAX4665 Datasheet HTML 3Page - Maxim Integrated Products MAX4665 Datasheet HTML 4Page - Maxim Integrated Products MAX4665 Datasheet HTML 5Page - Maxim Integrated Products MAX4665 Datasheet HTML 6Page - Maxim Integrated Products MAX4665 Datasheet HTML 7Page - Maxim Integrated Products MAX4665 Datasheet HTML 8Page - Maxim Integrated Products MAX4665 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4664/MAX4665/MAX4666 quad analog switch-
es feature 5
Ω max on-resistance. On-resistance is
matched between switches to 0.5
Ω max and is flat (0.5Ω
max) over the specified signal range. Each switch can
handle Rail-to-Rail® analog signals. The off-leakage cur-
rent is only 5nA max at +85°C. These analog switches
are ideal in low-distortion applications and are the pre-
ferred solution over mechanical relays in automatic test
equipment or in applications where current switching is
required. They have low power requirements, require
less board space, and are more reliable than mechanical
relays.
The MAX4664 has four normally closed (NC) switches,
the MAX4665 has four normally open (NO) switches, and
the MAX4666 has two NC and two NO switches that
guarantee break-before-make switching times.
These switches operate from a single +4.5V to +36V
supply or from dual ±4.5V to ±20V supplies. All digital
inputs have +0.8V and +2.4V logic thresholds, ensuring
TTL/CMOS-logic compatibility when using ±15V sup-
plies or a single +12V supply.
Applications
Reed Relay Replacement
PBX, PABX Systems
Test Equipment
Audio-Signal Routing
Communication Systems
Avionics
Features
o Low On-Resistance (5
Ω max)
o Guaranteed RON Match Between Channels
(0.5
Ω max)
o Guaranteed RON Flatness over Specified Signal
Range (0.5
Ω max)
o Guaranteed Break-Before-Make (MAX4666)
o Rail-to-Rail Signal Handling
o Guaranteed ESD Protection > 2kV per
Method 3015.7
o +4.5V to +36V Single-Supply Operation
±4.5V to ±20V Dual-Supply Operation
o TTL/CMOS-Compatible Control Inputs
5
, Quad, SPST,
CMOS Analog Switches
________________________________________________________________
Maxim Integrated Products
1
SWITCHES SHOWN FOR LOGIC “0” INPUT
MAX4665
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
SO/DIP
MAX4664
LOGIC
SWITCH
0
1
ON
OFF
MAX4666
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX4666
VL
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4664
VL
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX4665
VL
NO3
COM3
IN3
IN4
COM4
NO4
GND
SO/DIP
SO/DIP
Pin Configurations/Functional Diagrams/Truth Tables
19-1504; Rev 0; 7/99
PART
MAX4664CSE
MAX4664CPE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Narrow SO
16 Plastic DIP
Ordering Information continued at end of data sheet.
Ordering Information
MAX4664ESE
-40°C to +85°C
16 Narrow SO
MAX4664EPE
-40°C to +85°C
16 Plastic DIP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4665

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX466 MAXIM-MAX466 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4660ESA MAXIM-MAX4660ESA Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
MAX4660ESA MAXIM-MAX4660ESA Datasheet
621Kb / 12P
   High-Current, 25廓, SPDT, CMOS Analog Switches
2007
MAX4660EUA MAXIM-MAX4660EUA Datasheet
317Kb / 12P
   High-Current, 25?? SPDT, CMOS Analog Switches
Rev 0; 4/01
MAX4660EUA MAXIM-MAX4660EUA Datasheet
621Kb / 12P
   High-Current, 25廓, SPDT, CMOS Analog Switches
2007
More results

Similar Description - MAX4665

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com