Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF573_BLF573S Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF573_BLF573S
Description  HF / VHF power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF573_BLF573S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF573_BLF573S_15 Datasheet HTML 5Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 6Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 7Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 8Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 9Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 10Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 11Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 12Page - NXP Semiconductors BLF573_BLF573S_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BLF573_BLF573S
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 8 July 2010
9 of 16
NXP Semiconductors
BLF573; BLF573S
HF / VHF power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
C15
multilayer ceramic chip capacitor
33 pF
[1]
C16
multilayer ceramic chip capacitor
36 pF
[1]
C17
multilayer ceramic chip capacitor
16 pF
[1]
C19
electrolytic capacitor
220
μF; 63 V
L1
2 turns enamelled copper wire
D = 3 mm;
d=1mm;
length = 2 mm;
leads = 2
× 6mm
L2
4 turns enamelled copper wire
D = 2 mm;
d=1mm;
length = 13 mm;
leads = 2
× 5mm
L3
stripline
-
(L
× W) 96 mm × 3mm
L4, L5
stripline
-
(L
× W) 15 mm × 8mm
L6
stripline
-
(L
× W) 105 mm × 6mm
L7
stripline
-
(L
× W) 3 mm × 6mm
L8
stripline
-
(L
× W) 12 mm × 6mm
R1
metal film resistor
100
Ω; 0.6 W
Table 9.
List of components …continued
For production test circuit, see Figure 9 and Figure 10.
Printed-Circuit Board (PCB): Rogers 5880;
ε
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
μm.
Component
Description
Value
Remarks
Fig 9.
Class-AB common-source production test circuit
001aaj148
C8
C1
C20
C10
C16
C18
C19
R1
L1
L2
L7
L8
L5
L4
L3
L6
C3
C7
C4
C15
C17
C2
C5
C6
B1
C9
VGG
VDD
C11
C12
C13
C14
input
50
Ω
output
50
Ω


Similar Part No. - BLF573_BLF573S_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF573(S) NXP-BLF573(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
   HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF573S NXP-BLF573S Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF573S AMPLEON-BLF573S Datasheet
1Mb / 16P
   HF / VHF power LDMOS transistor
Rev. 4 ??1 September 2015
More results

Similar Description - BLF573_BLF573S_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
   HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
logo
Ampleon Netherlands B.V...
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
   HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
   HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
logo
NXP Semiconductors
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
   HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
   HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
   HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com