Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5228BSH Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # ZD5228BSH
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5228BSH Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  ZD5228BSH Datasheet HTML 1Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 2Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 3Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 4Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 5Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 6Page - Cystech Electonics Corp. ZD5228BSH Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2005.07.27
Revised Date :2014.12.26
Page No. : 6/7
ZD52XXBSH series
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - ZD5228BSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BSF CYSTEKEC-ZD5228BSF Datasheet
177Kb / 5P
   Zener Diode Series
More results

Similar Description - ZD5228BSH

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com