Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4718EUB Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4718EUB
Description  4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4718EUB Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4718EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 9Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 10Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 11Page - Maxim Integrated Products MAX4718EUB Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
4.5
/20, 300MHz Bandwidth, Dual SPDT
Analog Switches in UCSP
8
_______________________________________________________________________________________
SUPPLY CURRENT vs. LOGIC LEVEL
LOGIC LEVEL (V)
4
3
2
1
20
40
60
80
100
0
05
V+ = 5V
V+ = 3V
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.4
0.8
1.2
1.6
2.0
0
1.5
5.5
VTH+
VTH-
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
20
40
60
80
100
0
1.5
5.5
LOW RON SWITCH
tON
tOFF
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
20
40
60
80
100
0
1.5
5.5
HIGH RON SWITCH
tON
tOFF
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
40
30
50
60
0
-40
85
LOW RON SWITCH
tON, V+ = 3.0V
tON, V+ = 5.0V
tOFF, V+ = 3.0V
tOFF, V+ = 5.0V
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
50
60
0
-40
85
HIGH RON SWITCH
tON, V+ = 3.0V
tON, V+ = 5.0V
tOFF, V+ = 3.0V
tOFF, V+ = 5.0V
RISE/FALL-TIME DELAY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0
1.5
5.5
INPUT RISE/FALL TIME = 15ns
FIGURE 4, CL = 50pF
LOW RON SWITCH
RISE DELAY
FALL DELAY
RISE/FALL-TIME DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
0
-40
85
INPUT RISE/FALL TIME = 15ns
FIGURE 4, CL = 50pF
V+ = 4.2V
LOW RON SWITCH
RISE DELAY
FALL DELAY
RISE TIME TO FALL TIME MISMATCH
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
100
200
300
400
0
1.5
5.5
INPUT RISE/FALL TIME = 15ns
FIGURE 4, CL = 50pF
LOW RON SWITCH
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4718EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4718EUB MAXIM-MAX4718EUB Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
More results

Similar Description - MAX4718EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717_05 Datasheet
313Kb / 16P
   4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 2; 9/05
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com