Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF645 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF645
Description  Broadband power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF645 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF645_15 Datasheet HTML 1Page - NXP Semiconductors BLF645_15 Datasheet HTML 2Page - NXP Semiconductors BLF645_15 Datasheet HTML 3Page - NXP Semiconductors BLF645_15 Datasheet HTML 4Page - NXP Semiconductors BLF645_15 Datasheet HTML 5Page - NXP Semiconductors BLF645_15 Datasheet HTML 6Page - NXP Semiconductors BLF645_15 Datasheet HTML 7Page - NXP Semiconductors BLF645_15 Datasheet HTML 8Page - NXP Semiconductors BLF645_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF645_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
3 of 13
NXP Semiconductors
BLF645
Broadband power LDMOS transistor
6.
Characteristics
7.
Application information
7.1 Ruggedness in class-AB operation
The BLF645 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 32 V; f = 1300 MHz at rated load
power.
Table 6.
Characteristics per section
Tj = 25 °C per section; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID = 0.9 mA
65
--V
VGS(th)
gate-source threshold voltage
VDS =32 V; ID =90mA
1.4
1.9
2.4
V
VGSq
gate-source quiescent voltage
VDS =32V; IDq = 450 mA
1.5
2.0
2.5
V
IDSS
drain leakage current
VGS =0V; VDS = 32 V
--1.4
μA
IDSX
drain cut-off current
VGS =VGS(th) +3.75V;
VDS =10V
-14
-
A
IGSS
gate leakage current
VGS = ±10 V; VDS = 0 V
-
-
120
nA
gfs
forward transconductance
VDS =10V; ID = 4.5 A
-
6.4
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) +3.75V;
ID =3.15A
-
220
-
m
Ω
Ciss
input capacitance
VGS = 0 V; VDS =32V;
f=1MHz
-69
-
pF
Coss
output capacitance
VGS = 0 V; VDS =32V;
f=1MHz
-25
-
pF
Crs
feedback capacitance
VGS = 0 V; VDS =32V;
f=1MHz
-1.2
-pF
Table 7.
RF performance in a common-source class-AB circuit
Th =25 °C; IDq = 0.9 A for total device.
Mode of operation
f
VDS
PL
Gp
η
D
(MHz)
(V)
(W)
(dB)
(%)
CW, class-AB
1300
32
100
> 16.5
> 53


Similar Part No. - BLF645_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
BLF645 NXP-BLF645 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
More results

Similar Description - BLF645_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
   Broadband power LDMOS transistor
Rev. 2-12 April 2013
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-27 June 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com