Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF647P Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLF647P
Description  Broadband power LDMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647P Datasheet(HTML) 1 Page - NXP Semiconductors

  BLF647P_15 Datasheet HTML 1Page - NXP Semiconductors BLF647P_15 Datasheet HTML 2Page - NXP Semiconductors BLF647P_15 Datasheet HTML 3Page - NXP Semiconductors BLF647P_15 Datasheet HTML 4Page - NXP Semiconductors BLF647P_15 Datasheet HTML 5Page - NXP Semiconductors BLF647P_15 Datasheet HTML 6Page - NXP Semiconductors BLF647P_15 Datasheet HTML 7Page - NXP Semiconductors BLF647P_15 Datasheet HTML 8Page - NXP Semiconductors BLF647P_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
A 200 W LDMOS RF power transistor for broadcast transmitter and industrial
applications. The transistor is suitable for the frequency range HF to 1500 MHz. The
excellent ruggedness and broadband performance of this device makes it ideal for digital
applications.
1.2 Features and benefits
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Communication transmitter applications in the HF to 1500 MHz frequency range
Industrial applications in the HF to 1500 MHz frequency range
BLF647P
Broadband power LDMOS transistor
Rev. 2 — 12 April 2013
Product data sheet
Table 1.
Application information
RF performance at Th = 25 C in a common source test circuit.
Test signal
f
VDS IDq
PL(AV)
PL(M)
Gp
D
IMD3
(MHz)
(V)
(A)
(W)
(W)
(dB)
(%)
(dBc)
Pulsed, class-B
1300
32
0.1
-
200
18
70
-
CW, class-B
1300
32
0.1
200
-
18
70
-
2-tone, class-AB
f1 = 1299.95; f2 = 1300.05
32
0.7
75
-
19
48
33


Similar Part No. - BLF647P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF647P(S) NXP-BLF647P(S) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF647PS NXP-BLF647PS Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF647PS PHILIPS-BLF647PS_15 Datasheet
188Kb / 14P
   Broadband power LDMOS transistor
Rev. 2-18 November 2013
More results

Similar Description - BLF647P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF645 PHILIPS-BLF645_15 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com