Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S107-X Datasheet(PDF) 2 Page - Solid State Optronic

Part # S107-X
Description  Zero-Volt Cross Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S107-X Datasheet(HTML) 2 Page - Solid State Optronic

  S107-X_15 Datasheet HTML 1Page - Solid State Optronic S107-X_15 Datasheet HTML 2Page - Solid State Optronic S107-X_15 Datasheet HTML 3Page - Solid State Optronic S107-X_15 Datasheet HTML 4Page - Solid State Optronic S107-X_15 Datasheet HTML 5Page - Solid State Optronic S107-X_15 Datasheet HTML 6Page - Solid State Optronic S107-X_15 Datasheet HTML 7Page - Solid State Optronic S107-X_15 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S107-X
Zero Cross
600V / 0.8A
AC Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR
= 10μA
Input Resistor
RIN
-
300
-
Trigger (Must Operate) Current
1
IF
-
3
5
mA
IO = IO(MAX) [Resistive Load]
Junction Capacitance
CJ
-
5
-
pF
IF=0mA
Output Specifications
Blocking Voltage
VB
600
-
-
V
IF = 0mA, IO = 1µA
Continuous Load Current
IO(MAX)
-
-
0.8
A
IF = 5mA
Surge Current
I(SURGE)
-
-
10
A
T ≤ 16mS
Holding Current
IHOLD
-
-
10
mA
IF = 5mA
On Voltage
VON
-
-
1.2
V
IF = 5mAV, IO = 0.8A
Voltage Across Load at Turn On
-
-
-
5
V
IF = 5mA
Leakage Current
IOleak
-
100
250
µA
IF = 0mA, VO = 250V
Thermal Resistance
-
-
80
-
°C/W
Power Factor
2
-
-
0.3
-
-
Critical Rate of Rise (dV/dt)
3
dV/dt
400
-
-
V/
µS
Coupled Specifications
Turn-On Time
TON
-
-
0.5
Cycles
IF = 5mA
Turn-Off Time
TOFF
-
-
0.5
Cycles
IF = 5mA
Coupled Capacitance
CCOUPLED
-
2
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
µS
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-
VI-O = 500VDC
NOTES:
1)
Resistive load. For inductive loads, higher drive current is recommended
2)
Snubber circuits may be required for lower power factors
3)
This is for static dV/dt.
Electrical Characteristics, T
A = 25°C (unless otherwise specified)
© 2015 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
S107-X /H/S/TR
Rev 2.00 (02/27/2015)
002402


Similar Part No. - S107-X_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S107-X SSOUSA-S107-X Datasheet
225Kb / 5P
   1 Form A Solid State Relay
More results

Similar Description - S107-X_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com