Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX470EPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX470EPE
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX470EPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX470EPE Datasheet HTML 6Page - Maxim Integrated Products MAX470EPE Datasheet HTML 7Page - Maxim Integrated Products MAX470EPE Datasheet HTML 8Page - Maxim Integrated Products MAX470EPE Datasheet HTML 9Page - Maxim Integrated Products MAX470EPE Datasheet HTML 10Page - Maxim Integrated Products MAX470EPE Datasheet HTML 11Page - Maxim Integrated Products MAX470EPE Datasheet HTML 12Page - Maxim Integrated Products MAX470EPE Datasheet HTML 13Page - Maxim Integrated Products MAX470EPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
10
______________________________________________________________________________________
tCS
tSU
tH
tSU
tH
tOFF
HIGH-Z
tON
tPD
tSW
OUTPUTS
EN
A0
CS
LE = V+
Figure 4. Logic Timing Diagram
Digital Interface
The MAX463–MAX466 multiplexer architecture provides
an input transistor buffer, ensuring that no input chan-
nels are ever connected together. Select a channel by
changing A0's state (A0 = 0 for channel A, and A0 = 1
for channel B) and pulsing C
S
low (see Tables 1a, 1b).
Figure 4 shows the logic timing diagram.
Output Disable (MAX463–MAX466)
When the enable input (E
N
) is driven to a TTL low state, it
enables the MAX463–MAX466 amplifier outputs. When E
N
is driven high, it disables the amplifier outputs. The
disabled MAX463/MAX464 outputs exhibit a 250k
typical resistance. Because their internal feedback
resistors are required to produce a gain of two, the
MAX465/MAX466 exhibit a 1k
Ω disabled output resis-
tance.
LE determines whether E
N
is latched by C
S
or operates
independently. When the latch-enable input (LE) is con-
nected to V+, C
S
becomes the latch control for the E
N
input register. If C
S
is low, both the E
N
and A0 registers
are transparent; once C
S
returns high, both registers
are latched.
MAX468 (NO ISOLATION RESISTOR)
GND
GND
A
B
1
µs/div
CLOAD = 100pF
A: VIN, 500mV/div
B: VOUT, 500mV/div
Figure 3b. Step Response without an Isolation Resistor
MAX468 (WITH ISOLATION RESISTOR)
GND
GND
A
B
1
µs/div
CLOAD = 100pF, RISOLATION = 12Ω
A: VIN, 500mV/div
B: VOUT, 500mV/div
Figure 3c. Step Response with an Isolation Resistor


Similar Part No. - MAX470EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4700 MAXIM-MAX4700 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CAE MAXIM-MAX4700CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CPE MAXIM-MAX4700CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CWE MAXIM-MAX4700CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700EAE MAXIM-MAX4700EAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX470EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com