Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX470EPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX470EPE
Description  Two-Channel, Triple/Quad RGB Video Switches and Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX470EPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX470EPE Datasheet HTML 3Page - Maxim Integrated Products MAX470EPE Datasheet HTML 4Page - Maxim Integrated Products MAX470EPE Datasheet HTML 5Page - Maxim Integrated Products MAX470EPE Datasheet HTML 6Page - Maxim Integrated Products MAX470EPE Datasheet HTML 7Page - Maxim Integrated Products MAX470EPE Datasheet HTML 8Page - Maxim Integrated Products MAX470EPE Datasheet HTML 9Page - Maxim Integrated Products MAX470EPE Datasheet HTML 10Page - Maxim Integrated Products MAX470EPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Two-Channel, Triple/Quad
RGB Video Switches and Buffers
_______________________________________________________________________________________
7
Chip-Select—latch control for the digital inputs. When
C
S
is low, A0 and E
N
input registers are transparent. When C
S
goes high, the A0 input register latches.
If LE is high, the E
N
input register also latches when C
S
goes high (see LE).
Digital Latch-Enable Input. When LE is low, the E
N
register is transparent;
when LE is high, the E
N
register is transparent only when C
S
is low. Hard-
wire to V+ or GND for best crosstalk performance.
Channel-Select Input. When C
S
is low, driving A0 low selects channel A
and driving A0 high selects channel B.
E
N
27
LE
23
26
Buffer-Enable Input. When C
S
is low or LE is low, driving E
N
low enables
all output buffers and driving E
N
high disables all output buffers.
22
25
A0
21
2, 4, 9,
11, 15, 24
12
Channel B, Analog Input 2
IN2B
12
14
Channel B, Analog Input 3
IN3B
15
Buffered Analog Output 3
OUT3
17
Buffered Analog Output 2
OUT2
13
16, 18
Positive Power-Supply Input. Connect to +5V.
V+
14, 17
20
Buffered Analog Output 1
OUT1
16
22
Buffered Analog Output 0
OUT0
18
24
C
S
20
6
Channel A, Analog Input 3
IN3A
7, 9, 21, 23
Negative Power-Supply Input. Connect to -5V. Thermal path.
V-
6, 7, 19
8
Channel B, Analog Input 0
IN0B
8
10
Channel B, Analog Input 1
IN1B
10
2
Channel A, Analog Input 1
IN1A
3
4
Channel A, Analog Input 2
IN2A
5
1, 3, 5,
11, 13, 19
Analog Ground
GND
MAX464/MAX466
MAX463/MAX465
NAME
28
Channel A, Analog Input 0
IN0A
1
FUNCTION
PIN
_____________________________________________________________Pin Descriptions
14
Buffered Analog Output 1
OUT1
14
16
Buffered Analog Output 0
OUT0
16
10
Positive Power-Supply Input. Connect to +5V.
V+
10
11
Buffered Analog Output 2
OUT2
11
MAX468/MAX470
MAX467/MAX469
4, 5, 12, 13
Negative Power-Supply Input. Connect to -5V. Thermal path.
V-
4, 5, 12, 13
6
Analog Input 2
IN2
6
8
Analog Input 3
IN3
9
Buffered Analog Output 3
OUT3
2, 7, 15
Analog Ground
GND
2, 7, 8, 9, 15
3
1
Analog Input 1
IN1
3
Analog Input 0
IN0
1
FUNCTION
PIN
NAME


Similar Part No. - MAX470EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4700 MAXIM-MAX4700 Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CAE MAXIM-MAX4700CAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CPE MAXIM-MAX4700CPE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700CWE MAXIM-MAX4700CWE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
MAX4700EAE MAXIM-MAX4700EAE Datasheet
158Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 7/99
More results

Similar Description - MAX470EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
logo
Maxim Integrated Produc...
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com