Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX477EPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX477EPA
Description  300MHz High-Speed Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477EPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX477EPA Datasheet HTML 1Page - Maxim Integrated Products MAX477EPA Datasheet HTML 2Page - Maxim Integrated Products MAX477EPA Datasheet HTML 3Page - Maxim Integrated Products MAX477EPA Datasheet HTML 4Page - Maxim Integrated Products MAX477EPA Datasheet HTML 5Page - Maxim Integrated Products MAX477EPA Datasheet HTML 6Page - Maxim Integrated Products MAX477EPA Datasheet HTML 7Page - Maxim Integrated Products MAX477EPA Datasheet HTML 8Page - Maxim Integrated Products MAX477EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
300MHz High-Speed Op Amp
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
0
0.1
0.2
-0.1
-0.2
-0.3
1M
10M
100M
1G
GAIN FLATNESS
vs. FREQUENCY (AVCL = +1V/V)
-0.4
-0.5
-0.6
FREQUENCY (Hz)
1
2
3
0
-1
-2
1M
10M
100M
1G
LARGE-SIGNAL GAIN
vs. FREQUENCY (AVCL = +1V/V)
-3
-4
-5
-6
FREQUENCY (Hz)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1V/V)
TIME (10ns/div)
VOLTAGE
(100mV/div)
GND
GND
IN
OUT
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2V/V)
TIME (10ns/div)
VOLTAGE
GND
GND
IN
(50mV/
div)
OUT
(100mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +2V/V)
TIME (10ns/div)
VOLTAGE
GND
GND
IN
(1V/div)
OUT
(2V/div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +10V/V)
TIME (50ns/div)
VOLTAGE
GND
GND
IN
(50mV/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1V/V)
TIME (10ns/div)
VOLTAGE
(2V/div)
GND
GND
IN
OUT
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +10V/V)
TIME (50ns/div)
VOLTAGE
GND
GND
IN
(200mV/
div)
OUT
(2V/div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1V/V, CL = 50pF)
TIME (20ns/div)
VOLTAGE
(100mV/div)
GND
GND
IN
OUT


Similar Part No. - MAX477EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772ETT MAXIM-MAX4772ETT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUK MAXIM-MAX4772EUK Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUT MAXIM-MAX4772EUT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4773ETT MAXIM-MAX4773ETT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
More results

Similar Description - MAX477EPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
   HIGH SPEED/VOLTAGE OP AMP
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
   High Speed, Low Cost, Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com