Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5229B Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # ZD5229B
Description  200mW SOD-323 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5229B Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  ZD5229B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5229B Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2013.09.27
Page No. : 3/7
ZD5221BS2 series
CYStek Product Specification
Zener voltage(Note 2)
Maximum Zener
impedance
Maximum
Reverse Leakage
Current
VZ(volts)
@IZT
ZZT@
IZT
ZZK@IZK
IR@VR
Device
Marking
Code
min
nom
max
mA
mA
μA
V
ZD5221B
C1
2.28
2.4
2.52
20
30
1200
0.25
100
1.0
ZD5223B
C3
2.57
2.7
2.84
20
30
1300
0.25
75
1.0
ZD5225B
C5
2.85
3.0
3.15
20
30
1600
0.25
50
1.0
ZD5226B
G1
3.14
3.3
3.47
20
28
1600
0.25
25
1.0
ZD5227B
G2
3.42
3.6
3.78
20
24
1700
0.25
15
1.0
ZD5228B
G3
3.71
3.9
4.10
20
23
1900
0.25
10
1.0
ZD5229B
G4
4.09
4.3
4.52
20
22
2000
0.25
5
1.0
ZD5230B
G5
4.47
4.7
4.94
20
19
1900
0.25
5
2.0
ZD5231B
E1
4.85
5.1
5.36
20
17
1600
0.25
5
2.0
ZD5232B
E2
5.32
5.6
5.88
20
11
1600
0.25
5
3.0
ZD5233B
E3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
ZD5234B
E4
5.89
6.2
6.51
20
7
1000
0.25
5
4.0
ZD5235B
E5
6.46
6.8
7.14
20
5
750
0.25
3
5.0
ZD5236B
F1
7.13
7.5
7.88
20
6
500
0.25
3
6.0
ZD5237B
F2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
ZD5238B
F3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
ZD5239B
F4
8.65
9.1
9.56
20
10
600
0.25
3
7.0
ZD5240B
F5
9.50
10
10.50
20
17
600
0.25
3
8.0
ZD5241B
H1
10.45
11
11.55
20
22
600
0.25
2
8.4
ZD5242B
H2
11.40
12
12.60
20
30
600
0.25
1
9.1
ZD5243B
H3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
ZD5245B
H5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
ZD5246B
J1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
ZD5248B
J3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
ZD5250B
J5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
ZD5251B
K1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
ZD5252B
K2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
ZD5254B
K4
25.65
27
28.35
5.0
41
600
0.25
0.1
21
ZD5255B
K5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
ZD5256B
M1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
ZD5257B
M2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
ZD5258B
M3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
ZD5259B
M4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
Note 2: Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25℃.


Similar Part No. - ZD5229B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5229B CYSTEKEC-ZD5229B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5229B CYSTEKEC-ZD5229B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5229B CYSTEKEC-ZD5229B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5229B CYSTEKEC-ZD5229B Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5229B CYSTEKEC-ZD5229B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5229B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223AS2 CYSTEKEC-ZD5223AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com