Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX477ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX477ESA
Description  300MHz High-Speed Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX477ESA Datasheet HTML 4Page - Maxim Integrated Products MAX477ESA Datasheet HTML 5Page - Maxim Integrated Products MAX477ESA Datasheet HTML 6Page - Maxim Integrated Products MAX477ESA Datasheet HTML 7Page - Maxim Integrated Products MAX477ESA Datasheet HTML 8Page - Maxim Integrated Products MAX477ESA Datasheet HTML 9Page - Maxim Integrated Products MAX477ESA Datasheet HTML 10Page - Maxim Integrated Products MAX477ESA Datasheet HTML 11Page - Maxim Integrated Products MAX477ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
300MHz High-Speed Op Amp
______________________________________________________________________________________
11
MAX477
VOUT
VIN
20pF
100pF
602
110
301
Figure 9. 8MHz Bessel Filter
Figure 10a. 5MHz Square Wave Input
TIME (50ns/div)
VOLTAGE (V)
GND
GND
IN
(100mV/div)
-0.2V
OUT
(200mV/div)
0.2V
Figure 10b. Gain and Delay vs. Frequency
1M
10M
100M
FREQUENCY (MHz)
-8
0
4
-4
38
48
18
8
28
-2
-12
-22
-32
-42
-52
8
10
6
2
-2
-6
-10
DELAY
GAIN
___________________Chip Information
TRANSISTOR COUNT: 175
SUBSTRATE CONNECTED TO VEE


Similar Part No. - MAX477ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772ETT MAXIM-MAX4772ETT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUK MAXIM-MAX4772EUK Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUT MAXIM-MAX4772EUT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4773ETT MAXIM-MAX4773ETT Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
More results

Similar Description - MAX477ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
   HIGH SPEED/VOLTAGE OP AMP
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
   High Speed, Low Cost, Op Amp
ADA4860-1 AD-ADA4860-1 Datasheet
760Kb / 20P
   High Speed, Low Cost, Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com