Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5227A Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # ZD5227A
Description  200mW SOD-323 Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5227A Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  ZD5227A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5227A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2015.06.04
Page No. : 5/6
ZD5221AS2 series
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
C/second max.
3
C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
C
150
C
60-120 seconds
150
C
200
C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
C
60-150 seconds
217
C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
C
260 +0/-5
C
Time within 5
C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
C/second max.
6
C/second max.
Time 25
C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - ZD5227A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5227A CYSTEKEC-ZD5227A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227A CYSTEKEC-ZD5227A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5227A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223AS2 CYSTEKEC-ZD5223AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com