Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5230A Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # ZD5230A
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5230A Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  ZD5230A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5230A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date : 2014.05.16
Page No. : 3/7
ZD5221ASH thru ZD5267ASH
CYStek Product Specification
ZD5255A
K5
28
27.44 28.56
44
4.5
600
0.25
16.2
0.1
21
ZD5256A
M1
30
29.40 30.60
49
4.2
600
0.25
15.1
0.1
23
ZD5257A
M2
33
32.34 33.66
58
3.8
700
0.25
13.8
0.1
25
ZD5258A
M3
36
35.28 36.72
70
3.4
700
0.25
12.6
0.1
27
ZD5259A
M4
39
38.22 39.78
80
3.2
800
0.25
11.6
0.1
30
ZD5260A
M5
43
42.14 43.86
93
3
900
0.25
10.6
0.1
33
ZD5261A
N1
47
46.06 47.94 105
2.7
1000
0.25
9.6
0.1
36
ZD5262A
N2
51
49.98 52.02 125
2.5
1100
0.25
8.8
0.1
39
ZD5263A
N3
56
54.88 57.12 150
2.2
1300
0.25
8.0
0.1
43
ZD5264A
N4
60
58.8
61.2
170
2.1
1400
0.25
7.5
0.1
46
ZD5265A
N5
62
60.76 63.24 185
2.0
1400
0.25
7.3
0.1
47
ZD5266A
P1
68
66.64 69.36 230
1.8
1600
0.25
6.6
0.1
52
ZD5267A
P2
75
73.5
76.5
270
1.7
1700
0.25
6.0
0.1
56
Recommended Soldering Footprint


Similar Part No. - ZD5230A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5230A CYSTEKEC-ZD5230A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5230A CYSTEKEC-ZD5230A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5230A CYSTEKEC-ZD5230A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5230A CYSTEKEC-ZD5230A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5230A CYSTEKEC-ZD5230A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5230A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com