Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S110 Datasheet(PDF) 3 Page - Solid State Optronic

Part # S110
Description  High transient immunity
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S110 Datasheet(HTML) 3 Page - Solid State Optronic

  S110_15 Datasheet HTML 1Page - Solid State Optronic S110_15 Datasheet HTML 2Page - Solid State Optronic S110_15 Datasheet HTML 3Page - Solid State Optronic S110_15 Datasheet HTML 4Page - Solid State Optronic S110_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S110
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
425 450 475 500 525 550 575 600
Blocking Voltage (V)
S110
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
0
200
400
600
800
1000
Tem perature (C)
S110
Maximum Load Current vs. Temperature
5 V
Threshold
Input Signal
SCR #1 Turns On when
5V threshold is reached.
SCR #1 Turns Off,
SCR #2 Turns On
at Zero Volts.
SCR #2 Turns Off,
SCR #1 Turns On
at Zero Volts.
SCR #1 and Relay Turn
Off at Zero Volts.
5
4
2
6
3
1
Relay Input Signal is
Turned On.
Relay Input Signal is
Turned Off.
This solid state relay has been designed with a driver circuit that controls the operation of two back-to-back silicon controlled rectifiers
(SCRs), each responsible for one half of the AC cycle. If an AC signal is examined, the turn on, turn off and zero-volt switching can be seen.
Figure 1 shows a typical 60 Hz, 120Vac signal with a corresponding relay input signal:
ZERO-VOLT SWITCHING
Figure 1 shows the sequence of zero-volt switching operation. At Stage 1, an input signal is applied to the relay. The relay will not turn on
until the threshold voltage of 5V is reached. Once this point is reached (Stage 2), SCR #1 (designated as the SCR which controls positive
AC voltage) turns on. However, SCR #1 only conducts for an instant, as the cycle quickly crosses zero. At this point (Stage 3), SCR #1 will
turn off and SCR #2 (negative AC voltage) turns on. Likewise, at the next zero cross (Stage 4), SCR #2 will turn off and SCR #1 conducts
again. Even though the input signal is terminated at Stage 5, the relay will continue to conduct (typical SCR behavior) until Stage 6, when
SCR #1 crosses zero and ceases to conduct. Please note that turn on can likewise begin on the negative phase of the AC cycle with a -5V
threshold, though only the positive phase is shown here.
www.ssousa.com • +1.408.293.4600
Page 3 of 5
S110
rev 1.41 (10/23/2007)
© 2007 Solid State Optronics • San José, CA


Similar Part No. - S110_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
More results

Similar Description - S110_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Analog Devices
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com