Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF2425M6L180P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF2425M6L180P
Description  Power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2425M6L180P Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF2425M6L180P_15 Datasheet HTML 1Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 2Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 3Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 4Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 5Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 6Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 7Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 8Page - NXP Semiconductors BLF2425M6L180P_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF2425M6L180P_25M6LS180P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 12 July 2013
3 of 12
NXP Semiconductors
BLF2425M6L(S)180P
Power LDMOS transistor
5.
Thermal characteristics
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF2425M6L180P and BLF2425M6LS180P are capable of withstanding a load
mismatch corresponding to VSWR = 5 : 1 through all phases under the following
conditions: VDS =28 V; IDq =10mA; PL = 180 W (CW); f = 2450 MHz.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-case) thermal resistance from junction to case
Tcase =80 C; PL = 180 W
0.38 K/W
Table 6.
DC characteristics
Tj = 25 C per section; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID = 1.44 mA
65
--V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 144 mA
1.4
1.8
2.4
V
IDSS
drain leakage current
VGS =0V
VDS = 28 V
--3
A
VDS = 65 V
--5
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
-24
-A
IGSS
gate leakage current
VGS =11 V; VDS = 0 V
-
-
300
nA
gfs
forward transconductance
VDS =10V; ID =7.2 A
-
10
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID =5A
-0.1
-
Table 7.
RF characteristics
Test signal: CW; f = 2450 MHz; VDS = 28 V; IDq = 10 mA; Tcase = 25 C unless otherwise specified in
a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 180 W
11.0
13.3
-
dB
D
drain efficiency
PL = 180 W
50
53.5
-
%
RLin
input return loss
PL =180 W
-
15
9dB


Similar Part No. - BLF2425M6L180P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF2425M6L180P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com