Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHM7360 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHM7360
Description  Simple Drive Requirements
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM7360 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRHM7360 Datasheet HTML 3Page - International Rectifier IRHM7360 Datasheet HTML 4Page - International Rectifier IRHM7360 Datasheet HTML 5Page - International Rectifier IRHM7360 Datasheet HTML 6Page - International Rectifier IRHM7360 Datasheet HTML 7Page - International Rectifier IRHM7360 Datasheet HTML 8Page - International Rectifier IRHM7360 Datasheet HTML 9Page - International Rectifier IRHM7360 Datasheet HTML 10Page - International Rectifier IRHM7360 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRHM7360, IRHM8360 Devices
www.irf.com
7
Radiation Characterstics
Fig 16. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 17. Typical Output Characteristics
Post-Irradiation 1 Mega Rads (Si)
Fig 14. Typical Output Characteristics
Pre-Irradiation
Fig 15. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Note: Bias Conditions during radiation: VGS = 0 Vdc, VDS = 320 Vdc


Similar Part No. - IRHM7360

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360SE IRF-IRHM7360SE Datasheet
146Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=22A)
IRHM7360SE IRF-IRHM7360SE Datasheet
172Kb / 8P
   Simple Drive Requirements
IRHM7360SE IRF-IRHM7360SE_15 Datasheet
172Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHM7360

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com