Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4713CSE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4713CSE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4713CSE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4713CSE Datasheet HTML 3Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 4Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 5Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—+3V Single Supply (continued)
(V+ = +2.7V to +3.6V, V- = 0, VIH = +2.0V, VIL = +0.6V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
LOGIC INPUT
Input Logic High
VIH
C, E
2
V
Input Logic Low
VIL
C, E
0.6
V
Input-Leakage Current (Note 5)
IIN_VIN_ = 0 or V+
C, E
-5
+5
µA
SWITCH DYNAMICS
+25°C
340
500
Turn-On Time
tON
V+ = +2.7V, VNO_ or VNC_ = +1.5V,
RL = 300Ω, CL = 35pF, Figure 2
C, E
600
ns
+25°C
100
175
Turn-Off Time
tOFF
V+ = +2.7V, VNO_ or VNC_ = +1.5V,
RL = 300Ω, CL = 35pF, Figure 2
C, E
225
ns
+25°C
60
240
Break-Before-Make Time Delay
(MAX4713 only)
tBBM
V+ = +2.7V, VNO_ or VNC_ = +1.5V,
RL = 300Ω, CL = 35pF, Figure 2
C, E
50
ns
POWER SUPPLY
Power-Supply Range
V+
C, E
2.7
11
V
+25°C
815
V+ Supply Current
I+
All VIN_ = 0 or V+
C, E
20
µA
Note 3: Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 4: ∆RON = ∆RON(MAX) - ∆RON(MIN)
Note 5: Leakage parameters are 100% tested at maximum-rated temperature and with dual supplies. Leakage parameters are
guaranteed by correlation at +25°C.
Note 6: Off-isolation = 20 log10 [VCOM_/(VNO_ or VNC_)], VCOM_ = output, VNO_ or VNC_ = input to off switch.
Note 7: Between any two switches.


Similar Part No. - MAX4713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4713CSE MAXIM-MAX4713CSE Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com