Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4743EUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4743EUA
Description  0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4743EUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4743EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4743EUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
0.8
Ω, Low-Voltage, Single-Supply Dual SPST
Analog Switches
8
_______________________________________________________________________________________
V+
VCOM_
GND
V+
IN_
NO_
COM_
VNO_
50
50
MAX4741
35pF
NO_
OPEN
V+
VCOM_
GND
V+
IN_
NC_
COM_
VNC_
MAX4742
35pF
NC_
OPEN
V+
VCOM_
GND
V+
IN_
NO_
COM_
VS
50
50
MAX4743
35pF
NC_
VS
VIH + 0.5V
0
0
IN_
50%
50%
90%
90%
VNO_
VCOM_
tOFF
tON
VIH + 0.5V
0
IN_
VCOM_
50%
50%
90%
90%
tOFF
tON
VNC_
0
VIH + 0.5V
0
VS
0
IN_
VCOM_
90%
90%
tBBM
tBBM
tBBM = tON(NO_) - tOFF(NC_)
OR
tBBM = tON(NC_) - tOFF(NO_)
50
50
tR < 5ns
tF < 5ns
Figure 1. Switching Times
Test Circuits/Timing Diagrams


Similar Part No. - MAX4743EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4743EUA MAXIM-MAX4743EUA Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
More results

Similar Description - MAX4743EUA

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1741 AMSCO-AS1741_1 Datasheet
450Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8,Dual SPST Analog Switches
AS1741 AMSCO-AS1741 Datasheet
293Kb / 15P
   High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com