Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4820 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4820
Description  3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4820 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4820 Datasheet HTML 2Page - Maxim Integrated Products MAX4820 Datasheet HTML 3Page - Maxim Integrated Products MAX4820 Datasheet HTML 4Page - Maxim Integrated Products MAX4820 Datasheet HTML 5Page - Maxim Integrated Products MAX4820 Datasheet HTML 6Page - Maxim Integrated Products MAX4820 Datasheet HTML 7Page - Maxim Integrated Products MAX4820 Datasheet HTML 8Page - Maxim Integrated Products MAX4820 Datasheet HTML 9Page - Maxim Integrated Products MAX4820 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
+3.3V/+5V, 8-Channel, Cascadable Relay Drivers
with Serial/Parallel Interface
6
_______________________________________________________________________________________
Detailed Description
The MAX4820/MAX4821 8-channel relay drivers offer
built-in kickback protection and drive +3.3V/+5V non-
latching or dual-coil-latching relays. These devices are
especially useful when driving +3V relays. Each inde-
pendent open-drain output features a 2
Ω on-resistance
and is guaranteed to sink 70mA (min) load current. Both
devices consume less than 50µA (max) quiescent cur-
rent and feature 1µA (min) output off-leakage current.
The MAX4820 features an SPI/QSPI/MICROWIRE-com-
patible serial interface. Input data is shifted into an 8-bit
shift register and latched to the outputs when CS transi-
tions from low to high. Each data bit in the shift register
corresponds to a specific output, allowing independent
control of all outputs.
The MAX4821 features a 4-bit (A0, A1, A2, LVL) parallel
input interface. The three bits (A0, A1, A2) determine
the output address, and LVL determines whether the
selected output is switched on or off. Data is latched to
the outputs when CS transitions from low to high.
Both devices feature separate set and reset functions
that allow the user to turn on or turn off all outputs
simultaneously with a single control line. Built-in hys-
teresis (Schmidt trigger) on all digital inputs allows this
device to be used with slow rising and falling signals,
such as those from optocouplers or RC power-up ini-
tialization circuits. The MAX4820/MAX4821 are avail-
able in 20-pin TSSOP and space-saving 20-pin thin
QFN packages.
PIN
MAX4820
MAX4821
THIN
QFN
TSSOP
THIN
QFN
TSSOP
NAME
FUNCTION
12
14
12
14
OUT5
Open-Drain Output 5. Connect OUT5 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
13
15
13
15
COM
Common Free-Wheeling Diodes. Connect COM to VCC. COM can also be
connected to a separate supply that is higher than VCC. In that case, bypass
VCC to GND with a 0.1µF capacitor.
14
16
14
16
OUT4
Open-Drain Output 4. Connect OUT4 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
15
17
15
17
OUT3
Open-Drain Output 3. Connect OUT3 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
17
19
17
19
OUT2
Open-Drain Output 2. Connect OUT2 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
18
20
18
20
OUT1
Open-Drain Output 1. Connect OUT1 to the low side of a relay coil. This
output is pulled to PGND when activated, but otherwise is high impedance.
19
1
19
1
VCC
Input Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
20
2
20
2
SET
Set Input. Drive SET low to set all latches and registers high (all outputs are
turned on). SET overrides all parallel and serial control inputs. RESET
overrides SET under all conditions.
——
3
5
LVL
Level Input. LVL determines whether the selected address is switched on or
off. A logic high on LVL switches on the addressed output. A logic low on
LVL switches off the addressed output.
——
4
6
A0
Digital Address “0” Input. (See Table 2 for address mapping.)
——
5
7
A1
Digital Address “1” Input. (See Table 2 for address mapping.)
——
6
8
A2
Digital Address “2” Input. (See Table 2 for address mapping.)
——
——
EP
Exposed Pad. Solder exposed pad to GND.
Pin Description (continued)


Similar Part No. - MAX4820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820ETP MAXIM-MAX4820ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820ETP++ MAXIM-MAX4820ETP+ Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820EUP MAXIM-MAX4820EUP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Linear Technology
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_1 Datasheet
180Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Maxim Integrated Produc...
MAX4822 MAXIM-MAX4822 Datasheet
710Kb / 19P
   3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Rev 0; 8/05
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com