Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5225A Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # ZD5225A
Description  500mW Zener Diode Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5225A Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  ZD5225A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 6Page - Cystech Electonics Corp. ZD5225A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date : 2014.05.16
Page No. : 5/7
ZD5221ASH thru ZD5267ASH
CYStek Product Specification
Reel Dimension
Carrier Tape Dimension


Similar Part No. - ZD5225A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225A CYSTEKEC-ZD5225A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5225A CYSTEKEC-ZD5225A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5225A CYSTEKEC-ZD5225A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5225A CYSTEKEC-ZD5225A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5225A CYSTEKEC-ZD5225A Datasheet
340Kb / 14P
   Zener Diode Series
More results

Similar Description - ZD5225A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com