Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5236B Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5236B
Description  200mW SOD-323 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5236B Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5236B Datasheet HTML 1Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 2Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 3Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 4Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 5Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 6Page - Cystech Electonics Corp. ZD5236B Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2013.09.27
Page No. : 1/7
ZD5221BS2 series
CYStek Product Specification
200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 thru ZD5259BS2
Description
The ZD5221BS2 series zener diodes are packaged in a SOD-323 surface mount package that has a power dissipation
of 200mW. They are designed to provide voltage regulation protection and are especially attractive in situations
where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and
high density PC boards.
Features
• Standard zener breakdown voltage range : 2.4V to 39V
• Steady state power rating of 200mW..
• Small body outline dimensions
• Low body height : 0.035 inches (0.9mm) max.
Mechanical Data
• Case : SOD-323 , molded plastic
• Terminals : Solderable per MIL-STD-750 method 2026
• Polarity : Cathode indicated by polarity band.
• Flammability rating : UL94 V-0
• Package weight : approx. 4.507 mg/unit
• Mounting position : Any
Ordering Information
Device
Package
Shipping
ZD52XXBS2-0-T1-G
SOD-323
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - ZD5236B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5236B CYSTEKEC-ZD5236B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5236B CYSTEKEC-ZD5236B Datasheet
229Kb / 15P
   Zener Diode Series
ZD5236B CYSTEKEC-ZD5236B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5236B CYSTEKEC-ZD5236B Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5236B CYSTEKEC-ZD5236B Datasheet
203Kb / 13P
   Zener Diode Series
More results

Similar Description - ZD5236B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223AS2 CYSTEKEC-ZD5223AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com