Electronic Components Datasheet Search |
|
MAX492CPA Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX492CPA Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 16 page Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps _______________________________________________________________________________________ 7 120 110 70 200 90 VCC - VOUT (mV) 500 100 80 60 50 0 100 300 400 600 LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE RL = 1kΩ RL = 10kΩ RL = 100kΩ RL = 1MΩ VCC = +6V RL TO VEE 120 110 70 200 90 VCC - VOUT (mV) 500 100 80 60 50 0 100 300 400 600 LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE RL = 1kΩ RL = 10kΩ RL = 100kΩ RL = 1MΩ VCC = +2.7V RL TO VEE 120 80 -60 -20 60 140 LARGE-SIGNAL GAIN vs. TEMPERATURE 90 110 TEMPERATURE ( °C) 20 100 100 -40 0 40 80 120 85 95 105 115 RL TO VCC RL TO VEE RL = 1kΩ, 0.5V < VOUT < (VCC - 0.5V) VCC = +2.7V VCC = +6V 120 110 60 100 80 VOUT (mV) 500 LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE 100 90 70 50 0 200 300 400 600 RL = 1MΩ RL = 100kΩ RL = 10kΩ RL = 1kΩ VCC = +6V RL TO VCC 100 0 -60 140 MINIMUM OUTPUT VOLTAGE vs. TEMPERATURE 20 80 TEMPERATURE ( °C) 080 60 40 120 140 160 180 200 220 -40 -20 20 40 60 100 120 RL TO VCC VCC = 6V, RL = 1kΩ VCC = 2.7V, RL = 1kΩ VCC = 6V, RL = 100kΩ VCC = 2.7V, RL = 100kΩ 120 110 60 100 80 VOUT (mV) 500 LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE 100 90 70 50 0 200 300 400 600 RL = 1MΩ RL = 100kΩ RL = 10kΩ RL = 1kΩ VCC = +2.7V RL TO VCC 120 80 -60 -20 60 140 LARGE-SIGNAL GAIN vs. TEMPERATURE 90 110 TEMPERATURE ( °C) 20 100 100 -40 0 40 80 120 85 95 105 115 RL TO VCC RL TO VEE RL = 100kΩ, 0.3V < VOUT < (VCC - 0.3V) VCC = +2.7V VCC = +6V 100 0 -60 140 MAXIMUM OUTPUT VOLTAGE vs. TEMPERATURE 20 80 TEMPERATURE ( °C) 080 60 40 120 140 160 180 200 -40 -20 20 40 60 100 120 RL TO VEE VCC = 6V, RL = 1kΩ VCC = 2.7V, RL = 1kΩ VCC = 6V, RL = 100kΩ VCC = 2.7V, RL = 100kΩ 1000 0.01 10 10,000 OUTPUT IMPEDANCE vs. FREQUENCY 0.1 FREQUENCY (kHz) 1 10 100 0.1 1 100 1,000 VCM = VOUT = 2.5V ____________________________Typical Operating Characteristics (continued) (TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.) |
Similar Part No. - MAX492CPA |
|
Similar Description - MAX492CPA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |