Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S842 Datasheet(PDF) 2 Page - Solid State Optronic

Part # S842
Description  Zero-Volt Cross Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

S842 Datasheet(HTML) 2 Page - Solid State Optronic

  S842_15 Datasheet HTML 1Page - Solid State Optronic S842_15 Datasheet HTML 2Page - Solid State Optronic S842_15 Datasheet HTML 3Page - Solid State Optronic S842_15 Datasheet HTML 4Page - Solid State Optronic S842_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S842
1 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current (Resistive Load)
m
5
6.5
Io = 1.2A
A
Turn-On Current (Inductive Load)
m
10
12
Io = 300uA (AC)
A
Junction Capacitance
p
5
Vf = 0V
F
OUTPUT SPECIFICATIONS
Blocking Voltage
V
700
Continuous Load Current
A
1.2
If = 6.5mA
Surge Current Rating
A
10
T = 16ms
Holding Current
m
10
A
On-Voltage
V
1.2
Io = 1.2A
Zero Cross Turn-On Threshold Voltage
V
5
If = 6.5mA
Leakage Current
µ
100
250
Vo = 250V
A
Thermal Resistance
°
80
C/
W
Power Factor
0.3
Seen Note 1 below
Critical Rate of Rise (dV/dt)
V
400
/
µ s
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Isolation Resistance
G
100
Coupled Capacitance
p
6
F
www.ssousa.com • +1.408.293.4600
Page 2 of 5
S842
rev 1.41 (10/23/2007)
© 2007 Solid State Optronics • San José, CA
Note 1: Snubber circuits may be requried for lower power factors
1


Similar Part No. - S842_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S842E1600M2 ETC2-S842E1600M2 Datasheet
151Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
More results

Similar Description - S842_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S108 SSOUSA-S108 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S842-X SSOUSA-S842-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S106-X SSOUSA-S106-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com