Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5240A Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # ZD5240A
Description  200mW SOD-323 Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5240A Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  ZD5240A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5240A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5240A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5240A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5240A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5240A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2015.06.04
Page No. : 6/6
ZD5221AS2 series
CYStek Product Specification
SOD-323 Dimension
*: Typical
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.0630
0.0709
1.60
1.80
E
0.0060
-
0.15
-
B
0.0453
0.0531
1.15
1.35
H
0.0000
0.0040
0.00
0.10
C
0.0315
0.0394
0.80
1.00
J
0.0035
0.0070
0.089
0.177
D
0.0098
0.0157
0.25
0.40
K
0.0906
0.1063
2.30
2.70
Notes: 1.Controlling dimension : millimeters.
2.Lead thickness specified per L/F drawing with solder plating.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
 Lead: Pure tin plated.
 Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
 CYStek reserves the right to make changes to its products without notice.
 CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
 CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
D
A
H
J
K
C
E
B
1
2
Style: Pin 1.Cathode 2.Anode
2-Lead SOD-323 Plastic
Surface Mounted Package
CYStek Package Code: S2
Marking:
5 H
XX


Similar Part No. - ZD5240A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5240A CYSTEKEC-ZD5240A Datasheet
269Kb / 6P
   500mW Zener Diode Series
ZD5240A CYSTEKEC-ZD5240A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5240A CYSTEKEC-ZD5240A Datasheet
340Kb / 14P
   Zener Diode Series
ZD5240A CYSTEKEC-ZD5240A Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5240A CYSTEKEC-ZD5240A Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
More results

Similar Description - ZD5240A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com