Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX500 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX500
Description  CMOS, Quad, Serial-Interface 8-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX500 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX500 Datasheet HTML 1Page - Maxim Integrated Products MAX500 Datasheet HTML 2Page - Maxim Integrated Products MAX500 Datasheet HTML 3Page - Maxim Integrated Products MAX500 Datasheet HTML 4Page - Maxim Integrated Products MAX500 Datasheet HTML 5Page - Maxim Integrated Products MAX500 Datasheet HTML 6Page - Maxim Integrated Products MAX500 Datasheet HTML 7Page - Maxim Integrated Products MAX500 Datasheet HTML 8Page - Maxim Integrated Products MAX500 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS, Quad, Serial-Interface
8-Bit DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(VDD = +11.4V to +16.5V, VSS = -5V ±10%, AGND = DGND = 0V, VREF = +2V to (VDD - 4V), TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power Requirements
VDD to AGND...........................................................-0.3V, +17V
VDD to DGND ..........................................................-0.3V, +17V
VSS to DGND ..................................................-7V, (VDD + 0.3V)
VDD to VSS ...............................................................-0.3V, +24V
Digital Input Voltage to DGND ....................-0.3V, (VDD + 0.3V)
VREF to AGND .............................................-0.3V, (VDD + 0.3V)
VOUT to AGND (Note 1)...............................-0.3V, (VDD + 0.3V)
Power Dissipation (TA= +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Wide SO (derate 9.52mW/°C above +70°C)................762mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
LCC (derate 9.09mW/°C above +70°C).......................727mW
Operating Temperature Ranges
MAX500_C_ _ ....................................................0°C to + 70°C
MAX500_E_ _...................................................-40°C to +85°C
MAX500_M_ _ ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
TA = +25°C (Notes 2, 3)
TA = +25°C, code dependent (Note 2)
VREFC, VREFD
VREF = 10V
MAX500A
TA = TMIN to TMAX
Guaranteed monotonic
VDD = 15V ±5%,
VREF = 10V
MAX500A
TA = +25°C
CONDITIONS
dB
-60
Channel-to-Channel Isolation
pF
100
Reference Input Capacitance
k
11
Reference Input Resistance
V
2VDD - 4
Reference Input Range
µV/°C
±30
Zero-Code Tempco
mV
±20
Zero-Code Error
±15
Bits
8
Resolution
ppm/°C
±5
Full-Scale Tempco
LSB
±1/2
Full-Scale Error
LSB
±1
Differential Nonlinearity
LSB
±1
Total Unadjusted Error
LSB
±1/2
Relative Accuracy
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC Feedthrough
TA = +25°C (Notes 2, 3)
-70
dB
Digital Input High Voltage
VIH
2.4
5.5
Digital Input Low Voltage
VIL
0.8
V
Digital Output High Voltage
VOH
IOUT = -1mA, SRO only
VDD - 1
V
Digital Output Low Voltage
VOL
IOUT = 1mA, SRO only
0.4
V
5.5
MAX500A
MAX500A
MAX500A
±20
±30
±1
±1
±2
V
STATIC PERFORMANCE
REFERENCE INPUT
DIGITAL INPUTS
MAX500B
MAX500B
MAX500B
MAX500B
MAX500B
Note 1: The outputs may be shorted to AGND, provided that the power dissipation of the package is not exceeded.
Typical short-circuit current to AGND is 25mA
VREFA/B
±1
µA
Digital Input Capacitance
TA = +25°C (Note 2)
8
pF
Excluding
LOAD
30
(Note 4)
Digital Input Leakage Current
LOAD = 0V


Similar Part No. - MAX500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5003 MAXIM-MAX5003 Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003 MAXIM-MAX5003 Datasheet
119Kb / 5P
   Evaluation Kit
Rev 1; 1/01
MAX5003C/D MAXIM-MAX5003C/D Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CEE MAXIM-MAX5003CEE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
MAX5003CSE MAXIM-MAX5003CSE Datasheet
170Kb / 16P
   High-Voltage PWM Power-Supply Controller
Rev 0; 12/99
More results

Similar Description - MAX500

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
   CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
   Quad 8-Bit Serial Input Voltage Output DAC
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
   QUAD 8 BIT DAC
logo
Analog Devices
AD5425 AD-AD5425 Datasheet
417Kb / 20P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
logo
Analog Devices
AD5425YRMZ AD-AD5425YRMZ Datasheet
618Kb / 25P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
   8-Bit, High Bandwidth Multiplying DAC with Serial Interface
logo
Maxim Integrated Produc...
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com