Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX483 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX483
Description  Overvoltage Protection Controllers with Status FLAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX483 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX483 Datasheet HTML 1Page - Maxim Integrated Products MAX483 Datasheet HTML 2Page - Maxim Integrated Products MAX483 Datasheet HTML 3Page - Maxim Integrated Products MAX483 Datasheet HTML 4Page - Maxim Integrated Products MAX483 Datasheet HTML 5Page - Maxim Integrated Products MAX483 Datasheet HTML 6Page - Maxim Integrated Products MAX483 Datasheet HTML 7Page - Maxim Integrated Products MAX483 Datasheet HTML 8Page - Maxim Integrated Products MAX483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Overvoltage Protection Controllers with
Status FLAG
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..............................................................-0.3V to +30V
GATE to GND ........................................................-0.3V to +12V
EN, FLAG to GND ....................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) .............245mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .................................................... +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
1.2
28.0
V
Undervoltage Lockout Threshold
UVLO
VIN falling
3.0
3.25
3.5
V
Undervoltage Lockout Hysteresis
50
mV
MAX4838/MAX4839
7.0
7.4
7.8
Overvoltage Trip Level
OVLO
MAX4840/MAX4841
5.5
5.8
6.1
V
MAX4838/MAX4839
100
Overvoltage Trip Level Hysteresis
MAX4840/MAX4841
80
mV
IN Supply Current
IIN
No load, EN = GND or 5.5V, VIN = 5.4V
140
240
µA
UVLO Supply Current
VIN = 2.9V
150
µA
GATE Voltage
VGATE
IGATE sourcing 1µA
9
10
V
GATE Pulldown Current
IPD
VIN > VOVLO, VGATE = 5.5V
60
mA
1.2V
≤ VIN < UVLO, ISINK = 50µA
0.4
FLAG Output Low Voltage
VOL
VIN
≥ OVLO, ISINK = 1mA
0.4
V
FLAG Output High Voltage
VOH
ISOURCE = 100µA, FLAG deasserted,
MAX4839/MAX4841
2.4
V
FLAG Output High Leakage
IOH
VFLAG = 5.5V, FLAG deasserted,
MAX4838/MAX4840
1µA
EN Input High Voltage
VIH
MAX4838/MAX4840
1.47
V
EN Input Low Voltage
VIL
MAX4838/MAX4840
0.65
V
EN Input Leakage
ILKG
MAX4838/MAX4840, EN = GND or 5.5V
1
µA
Human Body Model
15
IN ESD rating
CIN
≥ 1µF
IEC 1000-4-2
15
kV


Similar Part No. - MAX483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483 MAXIM-MAX483 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX483 MAXIM-MAX483 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483 MAXIM-MAX483 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX483 MAXIM-MAX483 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX483 ARTSCHIP-MAX483 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
More results

Similar Description - MAX483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
logo
ON Semiconductor
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
logo
ON Semiconductor
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com