Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAT450 Datasheet(PDF) 4 Page - Solid State Optronic

Part # SAT450
Description  Ultra Minature 4-Pin Small Outline Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT450 Datasheet(HTML) 4 Page - Solid State Optronic

  SAT450_15 Datasheet HTML 1Page - Solid State Optronic SAT450_15 Datasheet HTML 2Page - Solid State Optronic SAT450_15 Datasheet HTML 3Page - Solid State Optronic SAT450_15 Datasheet HTML 4Page - Solid State Optronic SAT450_15 Datasheet HTML 5Page - Solid State Optronic SAT450_15 Datasheet HTML 6Page - Solid State Optronic SAT450_15 Datasheet HTML 7Page - Solid State Optronic SAT450_15 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 4 of 8
SAT450 /TR
Rev 2.00 (11/30/2012)
001540
SAT450
AC Input
80V
Photo-Transistor Optocoupler
SAT450 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
Figure 8: Collector-Emitter Saturation Voltage (V
CE(SAT)) vs.
Temperature (°C)
Figure 7: Relative CTR (%) vs. Temperature (°C)
Figure 10: Response Times vs. Load Resistance (R
L)
Figure 9: Collector Dark Current (ICEO) vs. Temperature (°C)
Figure 11: Frequency Response Characteristics


Similar Part No. - SAT450_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT450 SSOUSA-SAT450 Datasheet
399Kb / 4P
   AC Input Optocoupler
More results

Similar Description - SAT450_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
   Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
   Ultra miniature 4-pin small outline package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3081 SSOUSA-TDM3081 Datasheet
376Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
   Ultra Miniature 4-Pin Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com