Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB5D0P03FP Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTB5D0P03FP
Description  P-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB5D0P03FP Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTB5D0P03FP Datasheet HTML 1Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 2Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 3Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 4Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 5Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 6Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 7Page - Cystech Electonics Corp. MTB5D0P03FP Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C965FP
Issued Date : 2015.07.20
Revised Date : 2015.07.21
Page No. : 1/8
MTB5D0P03FP
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTB5D0P03FP
BVDSS
-30V
ID @ VGS=-10V, TC=25°C
-56A
RDS(ON)@VGS=-10V, ID=-25A
4.2mΩ(typ)
RDS(ON)@VGS=-4.5V, ID=-10A
Features
• Single Drive Requirement
• Low On-resistance
• Fast switching Characteristic
• Pb-free lead plating package
Symbol
Outline
TO-220FP
MTB5D0P03FP
4.8mΩ(typ)
G D S
G:Gate
D:Drain
S:Source
Ordering Information
Device
Package
Shipping
TO-220FP
MTB5D0P03FP-0-UB-S
(Pb-free lead plating package)
50 pcs/tube, 20 tubes/box, 4 boxes / carton
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, UB : 50 pcs / tube, 20 tubes/box
Product rank, zero for no rank products
Product name


Similar Part No. - MTB5D0P03FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB5D0P03H8 CYSTEKEC-MTB5D0P03H8 Datasheet
462Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB5D0P03J3 CYSTEKEC-MTB5D0P03J3 Datasheet
430Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB5D0P03J3-0-T3-G CYSTEKEC-MTB5D0P03J3-0-T3-G Datasheet
430Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB5D0P03Q8 CYSTEKEC-MTB5D0P03Q8 Datasheet
415Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB5D0P03Q8-0-T3-G CYSTEKEC-MTB5D0P03Q8-0-T3-G Datasheet
415Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB5D0P03FP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com