Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAT800 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SAT800
Description  Small 8 pin DIP/SMD package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SAT800 Datasheet(HTML) 1 Page - Solid State Optronic

  SAT800_15 Datasheet HTML 1Page - Solid State Optronic SAT800_15 Datasheet HTML 2Page - Solid State Optronic SAT800_15 Datasheet HTML 3Page - Solid State Optronic SAT800_15 Datasheet HTML 4Page - Solid State Optronic SAT800_15 Datasheet HTML 5Page - Solid State Optronic SAT800_15 Datasheet HTML 6Page - Solid State Optronic SAT800_15 Datasheet HTML 7Page - Solid State Optronic SAT800_15 Datasheet HTML 8Page - Solid State Optronic SAT800_15 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 10
SAT800
AC Input
60V
Dual Photo-Transistor Optocoupler
SAT800/H/S/TR
Rev 2.00 (11/02/2012)
001532
Description
The SAT800 consists of two phototransistors, each
optically coupled to two light emitting diodes for AC input
operation. Optical coupling between the input IR LED and
output phototransistor allows for high isolation levels while
maintaining low-level DC signal control capability.
The
SAT800 provides an optically isolated method of controlling
many interface applications such as telecommunications,
industrial control and instrumentation circuitry.
The SAT800 comes standard in a miniature 8 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Registers, Copiers, Automatic Vending Machines
System Appliances, Measuring Instruments
Computer Terminals, PLCs
Telecommunication Equipment, Telephones
Home Appliances
Digital Logic Inputs
Microprocessor Inputs
Switching Power Supplies
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature ………………………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation
1 ………………………………40mW
Total Power Dissipation
1 ……………………………..300mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
NOTES
1.
Power Dissipation per Channel
Ordering Information
Part Number
Description
SAT800
8 pin DIP, (50/Tube)
SAT800-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SAT800-S
8 pin SMD, (50/Tube)
SAT800-STR
8 pin SMD, Tape and Reel (1000/Reel)
Features
VCEO = 60V
Small 8 pin DIP/SMD package
Low input power consumption
High stability
CTR Range 20 – 300%
High Isolation Voltage (5000VRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
6
7
8
(+/-) Input
(-/+) Input
(+/-) Input
Collector
Emitter
Collector
SAT800
4
5
(-/+) Input
Emitter


Similar Part No. - SAT800_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
   AC Input Dual Optocoupler
More results

Similar Description - SAT800_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT400 SSOUSA-SAT400_15 Datasheet
582Kb / 10P
   Small 4 pin DIP/SMD package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
SAT1600 SSOUSA-SAT1600_15 Datasheet
470Kb / 9P
   16 pin DIP/SMD package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com