Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS597Z60 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHMS597Z60
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS597Z60 Datasheet(HTML) 1 Page - International Rectifier

  IRHMS597Z60 Datasheet HTML 1Page - International Rectifier IRHMS597Z60 Datasheet HTML 2Page - International Rectifier IRHMS597Z60 Datasheet HTML 3Page - International Rectifier IRHMS597Z60 Datasheet HTML 4Page - International Rectifier IRHMS597Z60 Datasheet HTML 5Page - International Rectifier IRHMS597Z60 Datasheet HTML 6Page - International Rectifier IRHMS597Z60 Datasheet HTML 7Page - International Rectifier IRHMS597Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-45*
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-45*
IDM
Pulsed Drain Current
À
-180
PD @ TC = 25°C
Max. Power Dissipation
208
W
Linear Derating Factor
1.67
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
1250
mJ
IAR
Avalanche Current
À
-45
A
EAR
Repetitive Avalanche Energy
À
20.8
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-0.6
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063in./1.6mm from case for 10s)
Weight
9.3 (Typical)
g
Pre-Irradiation
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the
power losses in switching applications such as DC
to DC converters and motor control. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of
electrical parameters.
oC
A
RADIATION HARDENED
IRHMS597Z60
POWER MOSFET
THRU-HOLE (Low-Ohmic TO-254AA)
10/02/08
www.irf.com
1
30V, P-CHANNEL
™
TECHNOLOGY
Product Summary
Part Number Radiation Level RDS(on)
ID
IRHMS597Z60 100K Rads (Si)
0.014
Ω -45A*
IRHMS593Z60 300K Rads (Si)
0.014
Ω -45A*
For footnotes refer to the last page
5
5
Low-Ohmic
TO-254AA
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Ceramic Eyelets
n
Electrically Isolated
n Light Weight
* Current is limited by package
PD-94666C


Similar Part No. - IRHMS597Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS597Z60 IRF-IRHMS597Z60 Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS597Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com