Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49V5901 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5P49V5901
Description  Generates up to four independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5901 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5P49V5901 Datasheet HTML 7Page - Integrated Device Technology 5P49V5901 Datasheet HTML 8Page - Integrated Device Technology 5P49V5901 Datasheet HTML 9Page - Integrated Device Technology 5P49V5901 Datasheet HTML 10Page - Integrated Device Technology 5P49V5901 Datasheet HTML 11Page - Integrated Device Technology 5P49V5901 Datasheet HTML 12Page - Integrated Device Technology 5P49V5901 Datasheet HTML 13Page - Integrated Device Technology 5P49V5901 Datasheet HTML 14Page - Integrated Device Technology 5P49V5901 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
REVISION G 07/07/15
11
PROGRAMMABLE CLOCK GENERATOR
5P49V5901 DATASHEET
Table 6: I2C Bus DC Characteristics
Table 7: I2C Bus AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input HIGH Level
For SEL1/SDA pin and SEL0/SCL pin 0.7xVDDD
5.5 2
V
VIL
Input LOW Level
For SEL1/SDA pin and SEL0/SCL pin
GND-0.3
0.3xVDDD
V
VHYS
Hysteresis of Inputs
0.05xVDDD
V
IIN
Input Leakage Current
-1
30
µA
VOL
Output LOW Voltage
IOL = 3 mA
0.4
V
Symbol
Parameter
Min
Typ
Max
Unit
FSCLK
Serial Clock Frequency (SCL)
10
400
kHz
tBUF
Bus free time between STOP and START
1.3
µs
tSU:START Setup Time, START
0.6
µs
tHD:START Hold Time, START
0.6
µs
tSU:DATA Setup Time, data input (SDA)
0.1
µs
tHD:DATA Hold Time, data input (SDA) 1
0
µs
tOVD
Output data valid from clock
0.9
µs
CB
Capacitive Load for Each Bus Line
400
pF
tR
Rise Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tF
Fall Time, data and clock (SDA, SCL)
20 + 0.1xCB
300
ns
tHIGH
HIGH Time, clock (SCL)
0.6
µs
tLOW
LOW Time, clock (SCL)
1.3
µs
tSU:STOP Setup Time, STOP
0.6
µs
Note 1: A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(MIN) of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
Note 2: I2C inputs are 5V tolerant.


Similar Part No. - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5901 IDT-5P49V5901 Datasheet
451Kb / 37P
   Programmable Clock Generator
5P49V5901 IDT-5P49V5901 Datasheet
533Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5901 RENESAS-5P49V5901 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI RENESAS-5P49V5901BDDDNLGI Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5901BDDDNLGI8 RENESAS-5P49V5901BDDDNLGI8 Datasheet
788Kb / 37P
   Programmable Clock Generator
FEBRUARY 21, 2019
More results

Similar Description - 5P49V5901

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com