Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS57163SE Datasheet(PDF) 8 Page - International Rectifier

Part # IRHMS57163SE
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS57163SE Datasheet(HTML) 8 Page - International Rectifier

  IRHMS57163SE_15 Datasheet HTML 1Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 2Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 3Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 4Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 5Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 6Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 7Page - International Rectifier IRHMS57163SE_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHMS57163SE, JANSR2N7475T1
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Å Total Dose Irradiation with VDS Bias.
104 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 50V, starting TJ = 25°C, L= 0.43mH
Peak IL = 45A, VGS =12V
 ISD ≤ 45A, di/dt ≤ 749A/µs,
VDD ≤ 130V, TJ ≤ 150°C
Footnotes:
IR WORLD HEADQUARTERS: 101 N Sepulveda Blvd., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 01/2015
3.81 [.150]
0.12 [.005]
1.27 [.050]
1.02 [.040]
6.60 [.260]
6.32 [.249]
C
14.48 [.570]
12.95 [.510]
3X
0.36 [.014]
B A
1.14 [.045]
0.89 [.035]
2X
3.81 [.150]
20.32 [.800]
20.07 [.790]
13.84 [.545]
13.59 [.535]
3.78 [.149]
3.53 [.139]
17.40 [.685]
16.89 [.665]
A
12
3
13.84 [.545]
13.59 [.535]
0.84 [.033]
MAX.
B
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
4. CONFORMS TO JEDEC OUTLINE TO-254AA.
3. CONTROLLING DIMENSION: INCH.
NOTES:
PIN ASSIGNMENTS
1 = DRAIN
2 = SOURCE
3 = GATE
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Package containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that
will produce fumes containing beryllium.
Case Outline and Dimensions — Low-Ohmic TO-254AA


Similar Part No. - IRHMS57163SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS57163SE IRF-IRHMS57163SE Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS57163SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com