Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS57260SE Datasheet(PDF) 1 Page - International Rectifier

Part # IRHMS57260SE
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS57260SE Datasheet(HTML) 1 Page - International Rectifier

  IRHMS57260SE Datasheet HTML 1Page - International Rectifier IRHMS57260SE Datasheet HTML 2Page - International Rectifier IRHMS57260SE Datasheet HTML 3Page - International Rectifier IRHMS57260SE Datasheet HTML 4Page - International Rectifier IRHMS57260SE Datasheet HTML 5Page - International Rectifier IRHMS57260SE Datasheet HTML 6Page - International Rectifier IRHMS57260SE Datasheet HTML 7Page - International Rectifier IRHMS57260SE Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
45
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
29
IDM
Pulsed Drain Current
À
180
PD @ TC = 25°C
Max. Power Dissipation
208
W
Linear Derating Factor
1.67
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
256
mJ
IAR
Avalanche Current
À
45
A
EAR
Repetitive Avalanche Energy
À
20.8
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
19.8
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in.(1.6 mm from case for 10s))
Weight
9.3 ( Typical)
g
International Rectifier’s R5TM technology provides
high performance power MOSFETs for space
applications. These devices have been characterized
for Single Event Effects (SEE) with useful performance
up to an LET of 80 (MeV/(mg/cm2)). The combination
of low RDS(on) and low gate charge reduces the
power losses in switching applications such as DC
to DC converters and motor control. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of
electrical parameters.
oC
A
09/07/04
www.irf.com
1
For footnotes refer to the last page
TO-254AA
Pre-Irradiation
Low-Ohmic
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Ceramic Eyelets
n
Electrically Isolated
n Light Weight
RADIATION HARDENED
JANSR2N7476T1
POWER MOSFET
200V, N-CHANNEL
THRU-HOLE (Low-Ohmic TO-254AA)
REF: MIL-PRF-19500/685
IRHMS57260SE
Product Summary
Part Number
Radiation Level R
DS(on)
ID
QPL Part Number
IRHMS57260SE
100K Rads (Si)
0.044
Ω 45A JANSR2N7476T1
™
5
5 TECHNOLOGY
PD - 94765


Similar Part No. - IRHMS57260SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS57260SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com