Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMS67264 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHMS67264
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMS67264 Datasheet(HTML) 6 Page - International Rectifier

  IRHMS67264_15 Datasheet HTML 1Page - International Rectifier IRHMS67264_15 Datasheet HTML 2Page - International Rectifier IRHMS67264_15 Datasheet HTML 3Page - International Rectifier IRHMS67264_15 Datasheet HTML 4Page - International Rectifier IRHMS67264_15 Datasheet HTML 5Page - International Rectifier IRHMS67264_15 Datasheet HTML 6Page - International Rectifier IRHMS67264_15 Datasheet HTML 7Page - International Rectifier IRHMS67264_15 Datasheet HTML 8Page - International Rectifier IRHMS67264_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRHMS67264, 2N7586T1
Pre-Irradiation
6
www.irf.com
Fig 12. Maximum Drain Current Vs.
CaseTemperature
Fig 11. Typical Source-Drain Diode
Forward Voltage
Fig 10. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 9. Typical Capacitance Vs.
Drain-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
2000
4000
6000
8000
10000
12000
14000
VGS = 0V,
f = 1 MHz
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD , Source-to-Drain Voltage (V)
0.1
1
10
100
1000
VGS = 0V
TJ = 150°C
TJ = 25°C
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
0
50
100
150
200
250
QG, Total Gate Charge (nC)
0
4
8
12
16
20
VDS = 200V
VDS = 125V
VDS = 50V
ID = 45A
FOR TEST CIRCUIT
SEE FIGURE 17


Similar Part No. - IRHMS67264_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMS67264 IRF-IRHMS67264 Datasheet
174Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-254AA)
More results

Similar Description - IRHMS67264_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com