Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHN2C50SE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHN2C50SE
Description  Simple Drive Requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHN2C50SE Datasheet(HTML) 3 Page - International Rectifier

  IRHN2C50SE_15 Datasheet HTML 1Page - International Rectifier IRHN2C50SE_15 Datasheet HTML 2Page - International Rectifier IRHN2C50SE_15 Datasheet HTML 3Page - International Rectifier IRHN2C50SE_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radiation Performance of Rad Hard HEXFETs
IRHN2C50SE, IRHN7C50SE Devices
Radiation Characteristics
International Rectifier Radiation Hardened HEX-
FETs are tested to verify their hardness capability.
The hardness assurance program at International
Rectifier uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and a
VDSS bias condition equal to 80% of the device
rated voltage per note 7. Pre- and post-radiation
limits of the devices irradiated to 0.5 x 105 Rads (Si)
and 1 x 105 Rads (Si) are identical and are pre-
sented in Table 1, column 1, IRHN2C50SE and
IRHN7C50SE, respectively. The values in Table 1
will be met for either of the two low dose rate test
circuits that are used.
Both pre- and post-radiation performance are tested
and specified using the same drive circuitry and test
conditions in order to provide a direct comparison. It
should be noted that at a radiation level of 1 x 105
Rads (Si), no change in limits are specified in DC
parameters.
High dose rate testing may be done on a special
request basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. Single
Event Effects characterization is shown in Table 3.
V
nA
Table 1. Low Dose Rate ‘ ’
IRHN2C50SE 50K Rads (Si)
Parameter
IRHN7C50SE 100K Rads (Si) Units
Test Conditions •
Min.
Max.
BVDSS
Drain-to-Source Breakdown Voltage
600
VGS = 0V, ID = 1.0 mA
VGS(th)
Gate Threshold Voltage 
2.0
4.5
VGS = VDS, ID = 1.0 mA
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
50
µAVDS = 0.8 x Max Rating, VGS = 0V
RDS(on)1 Static Drain-to-Source 
0.60
VGS = 12V, ID = 6.5A
On-State Resistance One
VSD
Diode Forward Voltage 
1.62
V
TC = 25°C, IS = 10.4A, VGS = 0V
Table 2. High Dose Rate “
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min. Typ. Max.
Units
Test Conditions
VDSS
Drain-to-Source Voltage
480
480
V
Applied drain-to-source voltage
during gamma-dot
IPP
6.4
6.4
A
Peak radiation induced photo-current
di/dt
16
2.3 A/µsec Rate of rise of photo-current
L1
20
137
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects ”
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
600
V
Ni
28
1 x 105
~35
480
-5


Similar Part No. - IRHN2C50SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN2C50SE IRF-IRHN2C50SE Datasheet
110Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
More results

Similar Description - IRHN2C50SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com