Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5013AEQI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5013AEQI
Description  12-Bit, 100Msps TTL DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5013AEQI Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX5013AEQI Datasheet HTML 1Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 2Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 3Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 4Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 5Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 6Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 7Page - Maxim Integrated Products MAX5013AEQI Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12-Bit, 100Msps TTL DAC
_______________________________________________________________________________________
7
________________________________________________________Package Information
A
B
C
D
E
1
28
J
K
F
G
H
I
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.200
5.08
B
0.120
0.135
3.05
3.43
C
0.020
0.51
D
0.100
2.54
E
0.067
1.70
F
0.013
0.33
G
0.170
0.180
4.32
4.57
H
0.622
15.80
I
0.555
14.10
J
1.460
37.08
K
0.085
2.16
28L Plastic DIP


Similar Part No. - MAX5013AEQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results

Similar Description - MAX5013AEQI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
logo
Analog Devices
AD9712 AD-AD9712 Datasheet
2Mb / 8P
   12-BIT, 100MSPS D/A CONVERTERS
REV. A
logo
Intersil Corporation
HI5731 INTERSIL-HI5731_04 Datasheet
528Kb / 17P
   12-Bit, 100MSPS, High Speed D/A Converter
HI5731BIPZ INTERSIL-HI5731BIPZ Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
October 2, 2015
logo
Renesas Technology Corp
HI5731 RENESAS-HI5731 Datasheet
1Mb / 18P
   12-Bit, 100MSPS, High Speed D/A Converter
logo
Analog Devices
AD7568 AD-AD7568_15 Datasheet
354Kb / 14P
   Octal 12-Bit DAC
REV. C
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
   Dual 12-Bit DAC
REV. A
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com