Electronic Components Datasheet Search
Selected language     English  ▼


MAX5025 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX5025
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
500kHz, 36V Output, SOT23, PWM Step-Up
DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, SHDN = VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +12V
PGND to GND .......................................................-0.1V to +0.1V
FB to GND (MAX5025/MAX5026)...............-0.3V to (VCC + 0.3V)
FB to GND (MAX5027/MAX5028)...........................-0.3V to +40V
SHDN to GND.............................................-0.3V to (VCC + 0.3V)
LX to GND ..............................................................-0.3V to +45V
Peak LX Current ................................................................600mA
Operating Temperature Range ...........................-40°C to +85°C
Continuous Power Dissipation (TA = +70
°C)
6-Pin SOT23 (derate 7.1mW/°C above +70°C)..........695.7mW
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering 10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
MAX5026/MAX5028
3.0
11
Input Voltage Range
VCC
MAX5025/MAX5027
4.5
11
V
Undervoltage Lockout
VUVLO
Rise/fall, hysteresis = 3mV
2.25
2.65
2.95
V
Supply Current
ICC
MAX5025/MAX5026, FB = 1.4V
MAX5027/MAX5028, FB = 35V
350
1000
µA
Shutdown Current
ISHDN
SHDN = GND
0.01
1µA
BOOST CONVERTER
MAX5025/MAX5027
345
500
1000
Switching Frequency
fSW
MAX5026/MAX5028, VCC = 3.3V
410
500
670
kHz
MAX5025/MAX5027,
ILOAD = 2mA, VCC = 4.5V to 11V,
VOUT = 30V
0.25
Line Regulation
MAX5026/MAX5028,
ILOAD = 0.5mA, VCC = 3V to 11V,
VOUT = 30V
0.25
%/V
MAX5025/MAX5027,
VCC = 5V, ILOAD = 0 to 4mA,
VOUT = 30V
2.0
Load Regulation
MAX5026/MAX5028,
VCC = 3.3V, ILOAD = 0 to 1mA,
VOUT = 30V
1.0
%
Thermal Shutdown
140
°C
Thermal Shutdown Hysteresis
2
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX777LLow-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
NME-1Isolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTHIsolated 2W Dual Output SM DC-DC Converters 1 2 C&D Technologies
MAX1686Step-Up DC-DC Converters with Precise Adaptive Current Limit for GSM 1 2 3 4 5 MoreMaxim Integrated Products
XC910607PWM Control PWM/PFM Switching Control Step-up DC/DC Converters 1 2 3 4 5 MoreTorex Semiconductor
TP50110 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS 1 2 List of Unclassifed Manufacturers
NMEIsolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTV3kVDC Isolated 1W Dual Output SM DC-DC Converters 1 2 C&D Technologies
LT1302Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters 1 2 3 4 5 MoreLinear Technology
MAX17001-Cell to 3-Cell High-Power 1A Low-Noise Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl