Selected language     English  ▼


MAX5025 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX5025
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
500kHz, 36V Output, SOT23, PWM Step-Up
DC-DC Converters
4
_______________________________________________________________________________________
0
20
10
40
30
50
60
80
70
90
02
4
6
8
10
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(VOUT = 12V)
MAX5026
VCC = 5V,
VOUT = 12V
CIRCUIT OF FIGURE 2.
R1 = 147k
Ω, R2 = 16.2kΩ
0
20
10
50
40
30
80
70
60
90
04
26
8
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(VOUT = 15V)
MAX5026
VCC = 5V,
VOUT = 12V
CIRCUIT OF FIGURE 2.
R1 = 147k
Ω, R2 = 13kΩ
0
20
10
30
60
70
50
40
80
01
2
3
45
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(VOUT = 24V)
MAX5026
VCC = 5V,
VOUT = 24V
CIRCUIT OF FIGURE 2.
R1 = 147k
Ω, R2 = 8.07kΩ
0
10
30
20
50
60
40
70
01234
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(VOUT = 30V)
MAX5026
VCC = 5V,
VOUT = 30V
CIRCUIT OF FIGURE 2.
R1 = 147k
Ω, R2 = 6.34kΩ
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01234
LOAD CURRENT (mA)
MAX5026 MINIMUM STARTUP VOLTAGE
vs. LOAD CURRENT
0
150
100
50
200
250
300
350
400
450
500
0369
12
SUPPLY VOLTAGE (V)
MAX5026/MAX5028
SUPPLY CURRENT vs. SUPPLY VOLTAGE
CURRENT INTO VCC PIN
DEVICE NOT SWITCHING
0
2
4
6
8
10
12
14
16
3579
11
SUPPLY VOLTAGE (V)
MAX5026
NO LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
CIRCUIT OF FIGURE 2
VOUT = 30V
150
350
250
550
450
750
650
850
-40
0
20
-20
406080
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
CURRENT INTO VCC PIN
VCC = 11V
VCC = 9V
VCC = 7V
VCC = 5V
VCC = 3V
200
300
250
450
400
350
600
550
500
650
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
MAX5026
SWITCHING FREQUENCY vs. TEMPERATURE
VCC = 5V
VOUT = 30V
CIRCUIT OF FIGURE 2.
Typical Operating Characteristics
(VCC = 5V, VOUT = 30V, TA = +25°C, unless otherwise noted.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX777LLow-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
NME-1Isolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTHIsolated 2W Dual Output SM DC-DC Converters 1 2 C&D Technologies
MAX1686Step-Up DC-DC Converters with Precise Adaptive Current Limit for GSM 1 2 3 4 5 MoreMaxim Integrated Products
XC910607PWM Control PWM/PFM Switching Control Step-up DC/DC Converters 1 2 3 4 5 MoreTorex Semiconductor
TP50110 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS 1 2 List of Unclassifed Manufacturers
NMEIsolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTV3kVDC Isolated 1W Dual Output SM DC-DC Converters 1 2 C&D Technologies
LT1302Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters 1 2 3 4 5 MoreLinear Technology
MAX17001-Cell to 3-Cell High-Power 1A Low-Noise Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl