Electronic Components Datasheet Search
Selected language     English  Ôľ╝


MAX5025 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX5025
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
500kHz, 36V Output, SOT23, PWM Step-Up
DC-DC Converters
_______________________________________________________________________________________
5
EXITING SHUTDOWN
MAX5025-28 toc10
5V
OUTPUT
VOLTAGE
20V/div
INDUCTOR
CURRENT
50mA/div
SHUTDOWN
VOLTAGE
5V/div
30V
5V
2ms/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 1mA.
CIRCUIT OF FIGURE 3
ENTERING SHUTDOWN
MAX5025-28 toc11
30V
OUTPUT
VOLTAGE
20V/div
SHUTDOWN
VOLTAGE
5V/div
5V
5V
0V
100ms/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 1mA.
CIRCUIT OF FIGURE 3
MAX5025-28 toc12
LX PIN
20V/div
VOUT
2mV/div
AC-COUPLED
IL
100mA/div
0V
0mA
1
┬Ás/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 0.1mA.
CIRCUIT OF FIGURE 2
LIGHT-LOAD SWITCHING WAVEFORM
WITHOUT RC FILTER
MAX5025-28 toc13
LX PIN
20V/div
VOUT
1mV/div
AC-COUPLED
IL
100mA/div
0V
0mA
1
┬Ás/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 0.1mA.
CIRCUIT OF FIGURE 3
LIGHT-LOAD SWITCHING WAVEFORM
WITH RC FILTER
MAX5025-28 toc14
LX PIN
20V/div
VOUT
5mV/div
AC-COUPLED
IL
200mA/div
0V
0mA
1
┬Ás/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 2mA.
CIRCUIT OF FIGURE 2
MEDIUM-LOAD SWITCHING WAVEFORM
WITHOUT RC FILTER
MAX5025-28 toc15
LX PIN
20V/div
VOUT
1mV/div
AC-COUPLED
IL
200mA/div
0V
0mA
1
┬Ás/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 2mA.
CIRCUIT OF FIGURE 3
MEDIUM-LOAD SWITCHING WAVEFORM
WITH RC FILTER
Typical Operating Characteristics (continued)
(VCC = 5V, VOUT = 30V, TA = +25┬░C, unless otherwise noted.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX777LLow-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
NME-1Isolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTHIsolated 2W Dual Output SM DC-DC Converters 1 2 C&D Technologies
MAX1686Step-Up DC-DC Converters with Precise Adaptive Current Limit for GSM 1 2 3 4 5 MoreMaxim Integrated Products
XC910607PWM Control PWM/PFM Switching Control Step-up DC/DC Converters 1 2 3 4 5 MoreTorex Semiconductor
TP50110 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS 1 2 List of Unclassifed Manufacturers
NMEIsolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTV3kVDC Isolated 1W Dual Output SM DC-DC Converters 1 2 C&D Technologies
LT1302Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters 1 2 3 4 5 MoreLinear Technology
MAX17001-Cell to 3-Cell High-Power 1A Low-Noise Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl