Electronic Components Datasheet Search
Selected language     English  ▼


MAX5025 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX5025
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
500kHz, 36V Output, SOT23, PWM Step-Up
DC-DC Converters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, VOUT = 30V, TA = +25°C, unless otherwise noted.)
MAX5025-28 toc17
LX PIN
20V/div
VOUT
1mV/div
AC-COUPLED
IL
200mA/div
0V
0mA
1
µs/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 4mA.
CIRCUIT OF FIGURE 3
HEAVY-LOAD SWITCHING WAVEFORM
WITH RC FILTER
LOAD TRANSIENT RESPONSE
MAX5025-28 toc18
OUTPUT
VOLTAGE
200mV/div
AC-COUPLED
LOAD
CURRENT
10mA/div
0mV
0mA
1ms/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 0 TO 4mA.
CIRCUIT OF FIGURE 2
LINE TRANSIENT RESPONSE
MAX5025-28 toc19
OUTPUT
VOLTAGE
1mV/div
AC-COUPLED
INPUT
VOLTAGE
100mV/div
AC-COUPLED
0mV
0mV
2ms/div
MAX5026, VCC = 5V TO 5.2V, VOUT = 30V, ILOAD = 1mA.
CIRCUIT OF FIGURE 2
1.230
1.235
1.245
1.240
1.260
1.265
1.255
1.250
1.270
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
MAX5026
FB PIN VOLTAGE vs. TEMPERATURE
VCC = 11V
VCC = 5V
VCC = 3V
29.0
29.4
29.2
29.8
29.6
30.2
30.0
30.4
-40
0
20
-20
40
60
80
TEMPERATURE (
°C)
MAX5028
FB PIN VOLTAGE vs. TEMPERATURE
VCC = 11V
VCC = 5V
VCC = 3V
MAX5025-28 toc16
LX PIN
20V/div
VOUT
5mV/div
AC-COUPLED
IL
200mA/div
0V
0mA
1
µs/div
MAX5026, VCC = 5V, VOUT = 30V, ILOAD = 4mA.
CIRCUIT OF FIGURE 2
HEAVY-LOAD SWITCHING WAVEFORM
WITHOUT RC FILTER




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX777LLow-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products
NME-1Isolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTHIsolated 2W Dual Output SM DC-DC Converters 1 2 C&D Technologies
MAX1686Step-Up DC-DC Converters with Precise Adaptive Current Limit for GSM 1 2 3 4 5 MoreMaxim Integrated Products
XC910607PWM Control PWM/PFM Switching Control Step-up DC/DC Converters 1 2 3 4 5 MoreTorex Semiconductor
TP50110 to 12 WATT SINGLE and DUAL OUTPUT DC-DC CONVERTERS 1 2 List of Unclassifed Manufacturers
NMEIsolated 1W Single Output DC-DC Converters 1 2 C&D Technologies
NTV3kVDC Isolated 1W Dual Output SM DC-DC Converters 1 2 C&D Technologies
LT1302Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters 1 2 3 4 5 MoreLinear Technology
MAX17001-Cell to 3-Cell High-Power 1A Low-Noise Step-Up DC-DC Converters 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl