Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495CPA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX495CPA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495CPA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX495CPA Datasheet HTML 7Page - Maxim Integrated Products MAX495CPA Datasheet HTML 8Page - Maxim Integrated Products MAX495CPA Datasheet HTML 9Page - Maxim Integrated Products MAX495CPA Datasheet HTML 10Page - Maxim Integrated Products MAX495CPA Datasheet HTML 11Page - Maxim Integrated Products MAX495CPA Datasheet HTML 12Page - Maxim Integrated Products MAX495CPA Datasheet HTML 13Page - Maxim Integrated Products MAX495CPA Datasheet HTML 14Page - Maxim Integrated Products MAX495CPA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
the op amp in an inverting configuration (Figure 3a);
connect resistor R3 between the noninverting input and
the input signal when using the op amp in a noninvert-
ing configuration (Figure 3b). Select R3 to equal the
parallel combination of R1 and R2. High source resis-
tances will degrade noise performance, due to the ther-
mal noise of the resistor and the input current noise
(which is multiplied by the source resistance).
Input Stage Protection Circuitry
The MAX492/MAX494/MAX495 include internal protec-
tion circuitry that prevents damage to the precision
input stage from large differential input voltages. This
protection circuitry consists of back-to-back diodes
between IN+ and IN- with two 1.7k
Ω resistors in series
(Figure 4). The diodes limit the differential voltage
applied to the amplifiers’ internal circuitry to no more
than VF, where VF is the diodes’ forward-voltage drop
(about 0.7V at +25°C).
Input bias current for the ICs (±25nA typical) is speci-
fied for the small differential input voltages. For large
differential input voltages (exceeding VF), this protec-
tion circuitry increases the input current at IN+ and IN-:
(VIN+ - VIN- ) - VF
Input Current = ———————————
2 x 1.7k
For comparator applications requiring large differential
voltages (greater than VF), you can limit the input cur-
rent that flows through the diodes with external resistors
R1
VOUT
R3 = R2 II R1
R3
VIN
R2
MAX49_
Figure 3a. Reducing Offset Error Due to Bias Current:
Inverting Configuration
R3
VOUT
R3 = R2 II R1
VIN
R1
R2
MAX49_
MAX492
MAX494
MAX495
1.7k
1.7k
TO INTERNAL
CIRCUITRY
TO INTERNAL
CIRCUITRY
IN–
IN+
Figure 4. Input Stage Protection Circuitry
10,000
100
1
10
100
RESISTIVE LOAD (k
Ω)
1000
UNSTABLE REGION
VCC = +5V
VOUT = VCC/2
RL TO VEE
AV = +1
Figure 5. Capacitive-Load Stable Region Sourcing Current
______________________________________________________________________________________
11
Figure 3b. Reducing Offset Error Due to Bias Current:
Noninverting Configuration


Similar Part No. - MAX495CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950ACTX+T MAXIM-MAX4950ACTX+T Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950CTO++ MAXIM-MAX4950CTO+ Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
   SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
More results

Similar Description - MAX495CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com