Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX495CPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX495CPA
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX495CPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX495CPA Datasheet HTML 3Page - Maxim Integrated Products MAX495CPA Datasheet HTML 4Page - Maxim Integrated Products MAX495CPA Datasheet HTML 5Page - Maxim Integrated Products MAX495CPA Datasheet HTML 6Page - Maxim Integrated Products MAX495CPA Datasheet HTML 7Page - Maxim Integrated Products MAX495CPA Datasheet HTML 8Page - Maxim Integrated Products MAX495CPA Datasheet HTML 9Page - Maxim Integrated Products MAX495CPA Datasheet HTML 10Page - Maxim Integrated Products MAX495CPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
7
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
RL = 1MΩ
VCC = +6V
RL TO VEE
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
RL = 1MΩ
VCC = +2.7V
RL TO VEE
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 1kΩ, 0.5V < VOUT < (VCC - 0.5V)
VCC = +2.7V
VCC = +6V
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1MΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
VCC = +6V
RL TO VCC
100
0
-60
140
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
220
-40 -20
20 40 60
100 120
RL TO VCC
VCC = 6V, RL = 1kΩ
VCC = 2.7V, RL = 1kΩ
VCC = 6V, RL = 100kΩ
VCC = 2.7V, RL = 100kΩ
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1MΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
VCC = +2.7V
RL TO VCC
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 100kΩ, 0.3V < VOUT < (VCC - 0.3V)
VCC = +2.7V
VCC = +6V
100
0
-60
140
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
-40 -20
20 40 60
100 120
RL TO VEE
VCC = 6V, RL = 1kΩ
VCC = 2.7V, RL = 1kΩ
VCC = 6V, RL = 100kΩ
VCC = 2.7V, RL = 100kΩ
1000
0.01
10
10,000
OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (kHz)
1
10
100
0.1
1
100
1,000
VCM = VOUT = 2.5V
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.)


Similar Part No. - MAX495CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4950 MAXIM-MAX4950 Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4950A MAXIM-MAX4950A Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950ACTX+T MAXIM-MAX4950ACTX+T Datasheet
537Kb / 10P
   Dual PCI Express Equalizer/Redriver
19-4583; Rev 0; 4/09
MAX4950CTO++ MAXIM-MAX4950CTO+ Datasheet
392Kb / 10P
   Quad PCI Express Equalizer/Redriver
19-4439; Rev 0; 5/09
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
   SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
More results

Similar Description - MAX495CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com