Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5019CSA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5019CSA
Description  Current-Mode PWM Controllers with Integrated Startup Circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5019CSA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5019CSA Datasheet HTML 6Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 7Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 8Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 9Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 10Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 11Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 12Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 13Page - Maxim Integrated Products MAX5019CSA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
pass filter (Figures 2, 3). Select the current-sense resis-
tor, RSENSE according to the following equation:
where ILimPrimary is the maximum peak primary-side
current.
When VCS > 465mV, the power MOSFET switches off.
The propagation delay from the time the switch current
reaches the trip level to the driver turn-off time is 180ns.
Internal Error Amplifier
The MAX5019/MAX5020 include an internal error ampli-
fier that can be used to regulate the output voltage in
the case of a nonisolated power supply (see Figure 2).
Calculate the output voltage using the following equa-
tion:
where VREF = 2.4V.
Choose R1//R2 << RIN, where RIN,
≅ 50kΩ is the input
resistance of FB. The gain of the error amplifier is inter-
nally configured for -20 (see Figure 1).
The error amplifier may also be used to regulate the out-
put of the tertiary winding for implementing a primary-
side regulated isolated power supply (see Figure 4).
Calculate the output voltage using the following equation:
where NS is the number of secondary turns and NT is
the number of tertiary winding turns.
PWM Comparator and Slope Compensation
An internal 275kHz oscillator determines the switching
frequency of the controller. At the beginning of each
cycle, NDRV switches the N-channel MOSFET on.
NDRV switches the external MOSFET off after the maxi-
mum duty cycle has been reached, regardless of the
feedback.
The MAX5019 uses an internal ramp generator for
slope compensation. The internal ramp signal is reset
at the beginning of each cycle and slews at 26mV/µs.
The PWM comparator uses the instantaneous current,
the error voltage, the internal reference, and the slope
compensation (MAX5019 only) to determine when to
switch the N-channel MOSFET off. In normal operation
the N-channel MOSFET turns off when:
where IPRIMARY is the current through the N-channel
MOSFET, VREF is the 2.4V internal reference, VEA is the
output voltage of the internal amplifier, and VSCOMP is
a ramp function starting at 0 and slewing at 26mV/µs
(MAX5019 only). When using the MAX5019 in a for-
ward-converter configuration the following condition
must be met to avoid control-loop subharmonic oscilla-
tions:
where k = 0.75 to 1, and NS and NP are the number of
turns on the secondary and primary side of the trans-
former, respectively. L is the output filter inductor. This
makes the output inductor current downslope as refer-
enced across RSENSE equal to the slope compensa-
tion. The controller responds to transients within one
cycle when this condition is met.
N-Channel MOSFET Gate Driver
NDRV drives an N-channel MOSFET. NDRV sources
and sinks large transient currents to charge and dis-
charge the MOSFET gate. To support such switching
transients, bypass VCC with a ceramic capacitor. The
average current as a result of switching the MOSFET is
the product of the total gate charge and the operating
frequency. It is this current plus the DC quiescent cur-
rent that determines the total operating current.
Applications Information
Design Example
The following is a general procedure for designing a
forward converter using the MAX5020.
1) Determine the requirements.
2) Set the output voltage.
3) Calculate the transformer primary to secondary
winding turns ratio.
4) Calculate the reset to primary winding turns ratio.
5) Calculate the tertiary to primary winding turns
ratio.
6) Calculate the current-sense resistor value.
7) Calculate the output inductor value.
8) Select the output capacitor.
The circuit in Figure 2 was designed as follows:
N
N
kR
V
S
P
SENSE
OUT
× ××
L
mV
s
26
/
IR
V
- V
- V
PRIMARY
SENSE
EA
REF
SCOMP
×>
V
N
N
R
R
V
OUT
S
T
1
2
REF
=+


×
1
V
R
R
V
OUT
1
2
REF
=+


×
1
RI
SENSE
LimPrimary
= 0 465
./
V
Current-Mode PWM Controllers with Integrated
Startup Circuit
10
______________________________________________________________________________________


Similar Part No. - MAX5019CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX501-MAX502 MAXIM-MAX501-MAX502 Datasheet
362Kb / 12P
   Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MAX5012 MAXIM-MAX5012 Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEPI MAXIM-MAX5012AEPI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
MAX5012AEQI MAXIM-MAX5012AEQI Datasheet
71Kb / 8P
   12-Bit, 100Msps ECL DAC
Rev 0; 8/97
More results

Similar Description - MAX5019CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
   Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
logo
Cherry Semiconductor Co...
CS5124 CHERRY-CS5124 Datasheet
172Kb / 10P
   High Performance, Integrated Current Mode PWM Controllers
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com