Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
50
75
100
125
150
175
200
225
250
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
0
50
100
150
200
250
300
350
400
450
500
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
RL = 100 µA
RL = 100 m A
IL
I
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
I
L = 100 m A
V
IN = 6 V
50
55
60
65
70
75
80
85
90
95
100
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
IL = 100 µA
VIN = 6 V
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1
2
3
4
5
6
7
8
VIN – Input Voltage – V
IL = 1 mA
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
VIN – Input Voltage – V
IL = 100 mA
LP2950, LP2951
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 8. Quiescent Current vs Input Voltage (IL = 100 mA)
Figure 7. Quiescent Current vs Input Voltage (IL = 1 mA)
Figure 10. Quiescent Current vs Temperature (IL = 100 µA)
Figure 9. Quiescent Current vs Temperature (IL = 100 mA)
Figure 12. Dropout Voltage vs Temperature
Figure 11. Short-circuit Current vs Temperature
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP2950 LP2951


Similar Part No. - LP2951

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Advanced Monolithic Sys...
LP2951 ADMOS-LP2951 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951 ONSEMI-LP2951 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
logo
Semtech Corporation
LP2951 SEMTECH-LP2951 Datasheet
67Kb / 3P
   150mA ADJUSTABLE VOLTAGE REGULATOR
logo
Exar Corporation
LP2951 EXAR-LP2951 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LP2951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950-50 TI-LP2950-50_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951-30 TI-LP2951-30_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2951 TI-LP2951_15 Datasheet
3Mb / 32P
[Old version datasheet]   LP295x Adjustable Micropower Voltage Regulators with Shutdown
LP2952-N TI-LP2952-N_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2953 TI-LP2953_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com