Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49V5913 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5P49V5913
Description  Generates up to two independent output frequencies
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5913 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5P49V5913 Datasheet HTML 4Page - Integrated Device Technology 5P49V5913 Datasheet HTML 5Page - Integrated Device Technology 5P49V5913 Datasheet HTML 6Page - Integrated Device Technology 5P49V5913 Datasheet HTML 7Page - Integrated Device Technology 5P49V5913 Datasheet HTML 8Page - Integrated Device Technology 5P49V5913 Datasheet HTML 9Page - Integrated Device Technology 5P49V5913 Datasheet HTML 10Page - Integrated Device Technology 5P49V5913 Datasheet HTML 11Page - Integrated Device Technology 5P49V5913 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
PROGRAMMABLE CLOCK GENERATOR
8
REVISION B 07/13/15
5P49V5913 DATASHEET
OTP Interface
The 5P49V5913 can also store its configuration in an internal
OTP. The contents of the device's internal programming
registers can be saved to the OTP by setting burn_start
(W114[3]) to high and can be loaded back to the internal
programming registers by setting usr_rd_start(W114[0]) to
high.
To initiate a save or restore using I2C, only two bytes are
transferred. The Device Address is issued with the read/write
bit set to “0”, followed by the appropriate command code. The
save or restore instruction executes after the STOP condition
is issued by the Master, during which time the 5P49V5913 will
not generate Acknowledge bits. The 5P49V5913 will
acknowledge the instructions after it has completed execution
of them. During that time, the I2C bus should be interpreted as
busy by all other users of the bus.
On power-up of the 5P49V5913, an automatic restore is
performed to load the OTP contents into the internal
programming registers. The 5P49V5913 will be ready to
accept a programming instruction once it acknowledges its
7-bit I2C address.
Availability of Primary and Secondary I2C addresses to allow
programming for multiple devices in a system. The I2C slave
address can be changed from the default 0xD4 to 0xD0 by
programming the I2C_ADDR bit D0. VersaClock 5
Programming Guide
provides detailed I2C programming
guidelines and register map.
SD/OE Pin Function
The polarity of the SD/OE signal pin can be programmed to be
either active HIGH or LOW with the SP bit (W16[1]). When SP
is “0” (default), the pin becomes active LOW and when SP is
“1”, the pin becomes active HIGH. The SD/OE pin can be
configured as either to shutdown the PLL or to enable/disable
the outputs. The SH bit controls the configuration of the
SD/OE pin The SH bit needs to be high for SD/OE pin to be
configured as SD.
When configured as SD, device is shut down, differential
outputs are driven High/low, and the single-ended LVCMOS
outputs are driven low. When configured as OE, and outputs
are disabled, the outputs are driven high/low.
Table 5: SD/OE Pin Function Truth Table
Output Divides
Each output divide block has a synchronizing POR pulse to
provide startup alignment between outputs divides. This
allows alignment of outputs for low skew performance. This
low skew would also be realized between outputs that are
both integer divides from the VCO frequency. This phase
alignment works when using configuration with SEL1, SEL0.
For I2C programming, I2C reset is required.
An output divide bypass mode (divide by 1) will also be
provided, to allow multiple buffered reference outputs.
Each of the two output divides are comprised of a 12 bit
integer counter, and a 24 bit fractional counter. The output
divide can operate in integer divide only mode for improved
performance, or utilize the fractional counters to generate a
clock frequency accurate to 50 ppb.
Each of the output divides also have structures capable of
independently generating spread spectrum modulation on the
frequency output.
The Output Divide also has the capability to apply a spread
modulation to the output frequency. Independent of output
frequency, a triangle wave modulation between 30 and 63kHz
may be generated.
For all outputs, there is a bypass mode, to allow the output to
behave as a buffered copy of the input.
SD/OE Input
SP
SH
OEn
OSn
Global Shutdown
OUTn
SH bit SP bit OSn bit OEn bit SD/OE
OUTn
0
0
0
x
x
Tri-state2
0
0
1
0
x
Output active
0
0
1
1
0
Output active
0
0
1
1
1
Output driven High Low
0
1
0
x
x
Tri-state2
0
1
1
0
x
Output active
0
1
1
1
0
Output driven High Low
0
1
1
1
1
Output active
1
0
0
x
0
Tri-state2
1
0
1
0
0
Output active
1
0
1
1
0
Output active
1
1
0
x
0
Tri-state2
1
1
1
0
0
Output active
1
1
1
1
0
Output driven High Low
1x
x
x
1
Output driven High Low 1
Note 1 : Global Shutdown
Note 2 : Tri-state regardless of OEn bits


Similar Part No. - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913 Datasheet
446Kb / 37P
   Programmable Clock Generator
5P49V5913 IDT-5P49V5913 Datasheet
524Kb / 36P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913 RENESAS-5P49V5913 Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
logo
Integrated Device Techn...
5P49V5913BdddNLGI IDT-5P49V5913BdddNLGI Datasheet
482Kb / 37P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5913BDDDNLGI RENESAS-5P49V5913BDDDNLGI Datasheet
818Kb / 36P
   Programmable Clock Generator
SEPTEMBER 12, 2018
More results

Similar Description - 5P49V5913

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5933 IDT-5P49V5933 Datasheet
435Kb / 33P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com