Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLP-6060-030-CW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FLP-6060-030-CW
Description  LED Panel Light
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLP-6060-030-CW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FLP-6060-030-CW Datasheet HTML 1Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 2Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 3Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 4Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 5Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 6Page - List of Unclassifed Manufacturers FLP-6060-030-CW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
30W LED Panel Light
Product: FLP-6060-030-XX
Date: October 15, 2013
Page 3 of 7
Version# 1.0
Introduction
Features:
 Energy efficient
 No UV or IR radiation in the beam
 No mercury and other harmful materials
 Easy to install with mounting brackets
Application:
 Household lighting
 General lighting
 Decoration
 Showcase
Outline Dimensions:
All dimensions are in millimeters
Tolerances are ±2.0mm unless otherwise noted


Similar Part No. - FLP-6060-030-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP-6060-040-CW ETC2-FLP-6060-040-CW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP-6060-040-CW ETC1-FLP-6060-040-CW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-NW ETC2-FLP-6060-040-NW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP-6060-040-NW ETC1-FLP-6060-040-NW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-WW ETC2-FLP-6060-040-WW Datasheet
1Mb / 7P
   LED Panel Light Series
More results

Similar Description - FLP-6060-030-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP-6060-040-WW ETC1-FLP-6060-040-WW Datasheet
1Mb / 7P
   40W LED Panel Light
FLP-6060-040-WW ETC2-FLP-6060-040-WW Datasheet
1Mb / 7P
   LED Panel Light Series
FLP0606080WE03 ETC2-FLP0606080WE03 Datasheet
1Mb / 6P
   LED Panel Light Series
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5111F CML-5111F Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
   Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5111F VCC-5111F Datasheet
100Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com